Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6900
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 3Page - Analog Devices LTC6900 Datasheet HTML 4Page - Analog Devices LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices LTC6900 Datasheet HTML 10Page - Analog Devices LTC6900 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC6990
7
Rev. D
For more information www.analog.com
Rise and Fall Time
vs Supply Voltage
Output Disable Propagation Delay
(tPD) vs Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Modulation
Frequency Modulation
Typical ISET Current Limit vs V+
Typical Output Waveform
SUPPLY VOLTAGE (V)
6990 G16
3.0
1.5
2.5
1.0
0.5
2.0
0
2
4
3
5
6
TA = 25°C
CLOAD = 5pF
tRISE
tFALL
SUPPLY VOLTAGE (V)
6990 G17
50
20
40
10
30
25
45
15
5
35
0
2
4
3
5
6
TA = 25°C
CLOAD = 5pF
SUPPLY VOLTAGE (V)
6990 G18
1000
400
800
200
600
0
2
4
3
5
6
TA = 25°C
SET PIN SHORTED TO GND
20µs/DIV
6990 G19
OUT
2V/DIV
OE
2V/DIV
V+ = 3.3V
DIVCODE = 2
RSET = 200k
20µs/DIV
6990 G20
OUT
2V/DIV
VCTRL
2V/DIV
fOUT
50kHz/DIV
V+ = 3.3V, DIVCODE = 0
RSET = 200k, RVCO = 464k
fOUT = 175kHz to 350kHz
20µs/DIV
6990 G21
OUT
2V/DIV
VCTRL
2V/DIV
fOUT
50kHz/DIV
V+ = 3.3V, DIVCODE = 0
RSET = 200k, RVCO = 464k
fOUT = 175kHz to 350kHz
V+ = 3V, unless otherwise noted.
Typical Frequency Error vs
Time (Long-Term Drift)
TIME (h)
6990 G15a
50
0
150
–150
–100
–50
100
200
–200
0
1200
400 800
1600 2000 2400 2800
65 UNITS
SOT-23 AND DFN PARTS
TA = 30°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com