Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6900
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices LTC6900 Datasheet HTML 10Page - Analog Devices LTC6900 Datasheet HTML 11Page - Analog Devices LTC6900 Datasheet HTML 12Page - Analog Devices LTC6900 Datasheet HTML 13Page - Analog Devices LTC6900 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC6990
10
Rev. D
For more information www.analog.com
OPERATION
The LTC6990 is built around a master oscillator with a
1MHz maximum frequency. The oscillator is controlled
by the SET pin current (ISET) and voltage (VSET), with a
1MHz • 50k conversion factor that is accurate to ±0.8%
under typical conditions.
f MASTER =
1
tMASTER
= 1MHz • 50k •
ISET
VSET
A feedback loop maintains VSET at 1V ±30mV, leaving ISET
as the primary means of controlling the output frequency.
The simplest way to generate ISET is to connect a resistor
(RSET) between SET and GND, such that ISET = VSET/RSET.
The master oscillator equation reduces to:
fMASTER =
1
tMASTER
=
1MHz • 50k
RSET
From this equation it is clear that VSET drift will not affect
the output frequency when using a single program resis-
tor (RSET). Error sources are limited to RSET tolerance and
the inherent frequency accuracy ∆fOUT of the LTC6990.
RSET values between 50k and 800k (equivalent to ISET
between 1.25µA and 20µA) produce the best results,
although RSET may be reduced to 25k (ISET = 40µA) with
reduced accuracy.
The LTC6990 includes a programmable frequency divider
which can further divide the frequency by 1, 2, 4, 8, 16,
32, 64 or 128 before driving the OUT pin. The divider ratio
NDIV is set by a resistor divider attached to the DIV pin.
fOUT =
1
tOUT
=
1MHz • 50k
NDIV
•
ISET
VSET
With RSET in place of VSET/ISET the equation reduces to:
fOUT =
1
tOUT
=
1MHz • 50k
NDIV •RSET
DIVCODE
The DIV pin connects to an internal, V+ referenced 4-bit
A/D converter that monitors the DIV pin voltage (VDIV) to
determine the DIVCODE value. DIVCODE programs two
settings on the LTC6990:
1. DIVCODE determines the output frequency divider set-
ting, NDIV.
2. DIVCODE determines the state of the output when dis-
abled, via the Hi-Z bit.
VDIV may be generated by a resistor divider between V+
and GND as shown in Figure 1.
Figure 1. Simple Technique for Setting DIVCODE
6990 F01
LTC6990
V+
DIV
GND
R1
R2
2.25V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com