Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC6930
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 5 Page - Analog Devices

  LTC6930 Datasheet HTML 1Page - Analog Devices LTC6930 Datasheet HTML 2Page - Analog Devices LTC6930 Datasheet HTML 3Page - Analog Devices LTC6930 Datasheet HTML 4Page - Analog Devices LTC6930 Datasheet HTML 5Page - Analog Devices LTC6930 Datasheet HTML 6Page - Analog Devices LTC6930 Datasheet HTML 7Page - Analog Devices LTC6930 Datasheet HTML 8Page - Analog Devices LTC6930 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC6990
5
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VSET vs ISET
VSET vs Supply Voltage
VSET vs Temperature
Frequency Error vs RSET
Frequency Error
vs Supply Voltage
Frequency Error vs Temperature
V+ = 3.3V, unless otherwise noted.
RSET (kΩ)
6990 G01
4
3
2
1
–1
–2
–3
0
–4
10
100
1000
TA = 25°C
GUARANTEED MAX
OVER TEMPERATURE
GUARANTEED MIN
OVER TEMPERATURE
TYPICAL MAX
90% OF UNITS
TYPICAL MIN
SUPPLY VOLTAGE (V)
6990 G02
0.5
0.4
0.3
0.1
0.2
–0.1
–0.2
–0.3
0
–0.5
–0.4
2
4
3
5
6
TA = 25°C
RSET = 800k
RSET = 200k
RSET = 50k
ISET (µA)
6990 G04
1.003
1.002
1.001
1.000
0
20
10
30
40
V+ = 3.3V
TA = 25°C
SUPPLY VOLTAGE (V)
6990 G05
1.003
1.002
1.001
1.000
2
4
3
5
6
RSET = 200k
TA = 25°C
TEMPERATURE (°C)
6990 G06
1.020
1.005
1.000
1.010
1.015
0.995
0.990
0.985
0.980
–50
75
50
0
25
–25
100 125
RSET = 200k
3 TYPICAL PARTS
TEMPERATURE (°C)
6990 G03
1.5
0.5
1.0
0.0
–0.5
–1.0
–1.5
–50 –25
25
50
0
100
75
125
V+ = 3.3V
DIVCODE = 4
RSET = 50k
RSET = 267k
RSET = 800k
ELECTRICAL CHARACTERISTICS
Note 11: Long-term drift of silicon oscillators is primarily due to the
movement of ions and impurities within the silicon and is tested at 30°C
under otherwise nominal operating conditions. Long-term drift is specified
as ppm/√kHr due to the typically nonlinear nature of the drift. To calculate
drift for a set time period, translate that time into thousands of hours, take
the square root and multiply by the typical drift number. For instance, a
year is 8.77kHr and would yield a drift of 266ppm at 90ppm/√kHr. Drift
without power applied to the device may be approximated as 1/10th of the
drift with power, or 9ppm/√kHr for a 90ppm/√kHr device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com