Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6930
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 12Page - Analog Devices LTC6930 Datasheet HTML 13Page - Analog Devices LTC6930 Datasheet HTML 14Page - Analog Devices LTC6930 Datasheet HTML 15Page - Analog Devices LTC6930 Datasheet HTML 16Page - Analog Devices LTC6930 Datasheet HTML 17Page - Analog Devices LTC6930 Datasheet HTML 18Page - Analog Devices LTC6930 Datasheet HTML 19Page - Analog Devices LTC6930 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTC6990
16
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Frequency Modulated Operation (Voltage-Controlled
Oscillator)
Operating the LTC6990 as a voltage-controlled oscillator
in its simplest form is achieved with one additional resis-
tor. As shown in Figure 11, voltage VCTRL sources/sinks
a current through RVCO to vary the ISET current, which
in turn modulates the output frequency as described in
Equation (2).
fOUT =
1MHz •50k
NDIV •RVCO
• 1
+
RVCO
RSET
–
VCTRL
VSET
⎛
⎝⎜
⎞
⎠⎟
(2)
fOUT, choose a value for NDIV that meets the following
conditions
62.5kHz
fOUT(MIN)
≤ NDIV ≤
1MHz
fOUT(MAX)
(3a)
The 16:1 frequency range of the master oscillator and
the 2:1 divider step-size provides several overlapping fre-
quency spans to guarantee that any 8:1 modulation range
can be covered by a single NDIV setting. RVCO allows the
gain to be tailored to the application, mapping the VCTRL
voltage range to the modulation range.
Step 2: Calculate KVCO and f(0V)
KVCO and f(0V) define the VCO’s transfer function and sim-
plify the calculation of the the RVCO and RSET resistors.
Calculate these parameters using the following equations.
K VCO =
fOUT(MAX) – fOUT(MIN)
VCTRL(MAX) – VCTRL(MIN)
(3b)
f(0V) = fOUT(MAX) + KVCO • VCTRL(MIN)
(3c)
KVCO and f(0V) are not device settings or resistor values
themselves. However, beyond their utility for the resistor
calculations, these parameters provide a useful and intui-
tive way to look at the VCO application. The f(0V) param-
eter is the output frequency when VCTRL is at 0V. Viewed
another way, it is the fixed output frequency when the
RVCO and RSET resistors are in parallel. KVCO is actually
the frequency gain of the circuit.
With KVCO and f(0V) determined, the RVCO and RSET values
can now be calculated.
Step 3: Calculate and Select RVCO
The next step is to calculate the correct value for RVCO
using the following equation.
RVCO =
1MHz • 50k
NDIV • VSET •KVCO
(3d)
Select the standard resistor value closest to the calculated
value.
Figure 11. Voltage Controlled Oscillator
6990 F08
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
RSET
V+
V+
RVCO
VCTRL
Equation (2) can be re-written as shown below, where
f(0V) is the output frequency when VCTRL = 0V, and KVCO
is the frequency gain. Note that the gain is negative (the
output frequency decreases as VCTRL increases).
fOUT = f(0V)– KVCO• VCTRL
f(0V) =
1MHz • 50k
NDIV • RSET RVCO
(
)
K VCO =
1MHz • 50k
NDIV • VSET •RVCO
The design procedure for a VCO is a simple four step
process. First select the NDIV value. Then calculate the
intermediate values KVCO and f(0V). Next, calculate and
select the RVCO resistor. Finally calculate and select the
RSET resistor.
Step 1: Select the NDIV Frequency Divider Value
For best accuracy, the master oscillator frequency should
fall between 62.5kHz and 1MHz. Since fMASTER = NDIV •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com