Electronic Components Datasheet Search
  English  ▼

X  

TDA8010AM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8010AM
Description  Low power mixers/oscillators for satellite tuners
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8010AM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8010AM Datasheet HTML 3Page - NXP Semiconductors TDA8010AM Datasheet HTML 4Page - NXP Semiconductors TDA8010AM Datasheet HTML 5Page - NXP Semiconductors TDA8010AM Datasheet HTML 6Page - NXP Semiconductors TDA8010AM Datasheet HTML 7Page - NXP Semiconductors TDA8010AM Datasheet HTML 8Page - NXP Semiconductors TDA8010AM Datasheet HTML 9Page - NXP Semiconductors TDA8010AM Datasheet HTML 10Page - NXP Semiconductors TDA8010AM Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1996 Oct 24
7
Philips Semiconductors
Objective specification
Low power mixers/oscillators
for satellite tuners
TDA8010M; TDA8010AM
Notes
1. Maximum gain: VAGC = 0.9VCC; fIF = 480 MHz; IF output single-ended.
2. Minimum gain: VAGC = 0.1VCC; fIF = 480 MHz; IF output single-ended.
3. RF input power range =
−70 to −20 dBm.
4. VAGC = 0.9VCC; fIF = 480 MHz; Rsource = 100 Ω.
5. Switch isolation is defined at an IF output level of 77 dB
µV; fIF = 480 MHz.
ΦN
oscillator phase noise
at 100 kHz
88
92
−
dBc
at 10 kHz
62
69
−
dBc
IF amplifier
fIF
IF frequency range
60
−
625
MHz
Gv(max)
maximum voltage gain
note 1
−
40
−
dB
Gv(min)
minimum voltage gain
note 2
−−30
−
dB
NFIF
IF noise figure
note 4
−
8
−
dB
VoIF
output voltage level
−−
85
dB
µV
ZO(IF)
output impedance
single-ended
−
50
−Ω
ZI(IF)
input impedance (Rp//Lp)
303336
Ω
579
nH
SWiso
switch isolation
note 5
33
36
−
dB
VSW
switch control voltage
IF1 on; IF2 off
0.8VCC
−
VCC
V
IF1 off; IF2 on
0.2VCC
−
0.6VCC
V
differential output
0
−
0.07VCC
V
RI(AGC)
AGC input resistance
see Fig.6
−
4
−
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.4 IP3 measurement method.
REF is the level if F1 or F2 were at 480 MHz.
IP3 = IM3/2 + input level.
Input level: 2
×−23 dBm.
Output level: 2
× 74 dBµV.
handbook, halfpage
MGE507
2F1
− F2
F1
F2
2F2
− F1
390
420
450
480 (MHz)
IM3
REF
Fig.5 IP2 measurement method.
IP2 = IM2 + input level.
Input level: 2
×−23 dBm.
Output level: 2
× 74 dBµV.
handbook, halfpage
MGE508
LO
− F1 LO − F2
(F1
+ F2) − LO
FI
RF
478
480
484
(MHz)
964
962
1926
(MHz)
IM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com