Electronic Components Datasheet Search
  English  ▼

X  

TDA8010AM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8010AM
Description  Low power mixers/oscillators for satellite tuners
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8010AM Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8010AM Datasheet HTML 1Page - NXP Semiconductors TDA8010AM Datasheet HTML 2Page - NXP Semiconductors TDA8010AM Datasheet HTML 3Page - NXP Semiconductors TDA8010AM Datasheet HTML 4Page - NXP Semiconductors TDA8010AM Datasheet HTML 5Page - NXP Semiconductors TDA8010AM Datasheet HTML 6Page - NXP Semiconductors TDA8010AM Datasheet HTML 7Page - NXP Semiconductors TDA8010AM Datasheet HTML 8Page - NXP Semiconductors TDA8010AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
Objective specification
Supersedes data of 1996 Oct 08
File under Integrated Circuits, IC02
1996 Oct 24
INTEGRATED CIRCUITS
TDA8010M; TDA8010AM
Low power mixers/oscillators
for satellite tuners


Similar Part No. - TDA8010AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8011 PHILIPS-TDA8011 Datasheet
80Kb / 12P
IF amplifier for satellite TV receivers
February 1995
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
IF amplifier for satellite TV receivers
February 1995
TDA8012A PHILIPS-TDA8012A Datasheet
99Kb / 16P
Low power PLL FM demodulator for satellite TV receivers
1997 May 26
TDA8012AM PHILIPS-TDA8012AM Datasheet
99Kb / 16P
Low power PLL FM demodulator for satellite TV receivers
1997 May 26
TDA8012M PHILIPS-TDA8012M Datasheet
94Kb / 16P
Low power PLL FM demodulator for satellite TV receivers
1996 Mar 26
More results

Similar Description - TDA8010AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5744 PHILIPS-TDA5744 Datasheet
123Kb / 20P
Low power mixers/oscillators for hyperband tuners
1998 Mar 09
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
logo
Sharp Corporation
BSFZ68G57 SHARP-BSFZ68G57 Datasheet
67Kb / 2P
I/Q Output Satellite Tuners
logo
Siemens Semiconductor G...
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
logo
Integrated Device Techn...
3CN IDT-3CN Datasheet
239Kb / 2P
CrystalFree Oscillators Ultra Low Power Oscillators
logo
Infineon Technologies A...
BB857E7902 INFINEON-BB857E7902 Datasheet
858Kb / 7P
For SAT tuners
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com