6 / 13 page

6
Specifications are subject to change without notice
CPT-DINADS110706
CPT-DIN
Alarm parameters and logic
ON alarm
OFF alarm
Up alarm
On alarm > Off alarm
Off alarm
On alarm
Down alarm
On alarm < Off alarm
In window alarm
In alarm 1
Out window alarm with
start up deactivation
Out alarm 1
Out alarm 2
Activation
AND/OR logical alarm examples:
A: AND
B: AND
C: AND
A: AND
B: AND
C: AND
A: AND
B: AND
C: AND
A: OR
B: OR
C: OR
A: OR
B: OR
C: OR
A: OR
B: OR
C: OR
A: OR
B: OR
C: AND
D: AND
A: OR
B: OR
C: AND
D: AND
A: OR
B: OR
C: AND
D: AND
- Block enable.
- Controlled variable (VLN, ...).
- Alarm type (up, down, in window
alarm, out window alarm).
- Activation function.
- ON set-point.
- OFF set-point.
- ON delay.
- Logical function (AND, OR).
- Digital output (1, 2).
Note: any alarm working mode can be linked to the “start up deactivation” function which disables only the first alarm after
power on of the transducer.
AND
OR
OR+AND
8 8
A, B, C... up to 16
parameter control
blocks.
In alarm 2