Electronic Components Datasheet Search
  English  ▼

X  

DS1124 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1124
Description  5.0V 8-Bit Programmable Timing Element
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1124 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1124 Datasheet HTML 1Page - Maxim Integrated Products DS1124 Datasheet HTML 2Page - Maxim Integrated Products DS1124 Datasheet HTML 3Page - Maxim Integrated Products DS1124 Datasheet HTML 4Page - Maxim Integrated Products DS1124 Datasheet HTML 5Page - Maxim Integrated Products DS1124 Datasheet HTML 6Page - Maxim Integrated Products DS1124 Datasheet HTML 7Page - Maxim Integrated Products DS1124 Datasheet HTML 8Page - Maxim Integrated Products DS1124 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.5V to +6.0V
Voltage Range on IN, E, D, and CLK
Relative to Ground* ................................-0.5V to (VCC + 0.5V)
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Short-Circuit Output Current ..........................50mA for 1 second
Soldering Temperature...................See J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.75
5.25
V
Input Logic 1
VIH
2.2
VCC +
0.3
V
Input Logic 0
VIL
-0.3
+0.8
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Current
ICCA
15
30
mA
High-Level Output Current
IOH
VCC = min, VOH = 2.3V
-1.0
mA
Q pin, VCC = min, VOL = 0.5V
4.0
Low-Level Output Current
IOL
OUT pin, VCC = min, VOL = 0.5V
8.0
mA
Input Leakage
IL
-1.0
+1.0
μA
AC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fCLK
10
MHz
Input Pulse Width (E, CLK)
tEW, tCW
50
ns
Data Setup to Clock
tDSC
30
ns
Data Hold from Clock
tDHC
0
ns
Data Setup to Enable
tDSE
30
ns
Data Hold to Enable
tDHE
0
ns
Enable Setup to Clock
tES
0
ns
Enable Hold from Clock
tEH
30
ns
E to Q Valid
tEQV
50
ns
E to Q High Impedance
tEQZ
0
50
ns
CLK to Q Valid
tCQV
50
ns
CLK to Q Invalid
tCQX
0
ns
5.0V 8-Bit Programmable
Timing Element
2
_______________________________________________________________________________________
*
Not to exceed +6.0V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com