Electronic Components Datasheet Search
  English  ▼

X  

DS1124 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1124
Description  5.0V 8-Bit Programmable Timing Element
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1124 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1124 Datasheet HTML 1Page - Maxim Integrated Products DS1124 Datasheet HTML 2Page - Maxim Integrated Products DS1124 Datasheet HTML 3Page - Maxim Integrated Products DS1124 Datasheet HTML 4Page - Maxim Integrated Products DS1124 Datasheet HTML 5Page - Maxim Integrated Products DS1124 Datasheet HTML 6Page - Maxim Integrated Products DS1124 Datasheet HTML 7Page - Maxim Integrated Products DS1124 Datasheet HTML 8Page - Maxim Integrated Products DS1124 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
5.0V 8-Bit Programmable
Timing Element
_______________________________________________________________________________________
3
Note 1: All voltages are referenced to ground.
Note 2: Measured from rising edge of the input to the rising edge of the output. The programmed delay, tD, can be programmed
with values from 0 to 255. See Figure 1.
Note 3: See the
Integral Nonlinearity section and Figure 6.
Note 4: This is the minimum allowable interval between transitions on the input to ensure accurate device operation. This parameter
can be violated but timing accuracy may be impaired and ultimately very narrow pulse widths will result in no output from
the device. See Figure 1.
Note 5: When a 50% duty cycle input clock is used, this defines the highest usable clock frequency. When asymmetrical clock
inputs are used, the maximum usable clock frequency must be reduced to conform to the minimum input pulse-width
requirement. See Figure 1.
Note 6: Faster rise and fall times give the greatest accuracy in measured delay. Slow edges (outside the specification maximum)
can result in erratic operations.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.25V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
E to Delay Valid
tEDV
50
μs
E to Delay Invalid
tEDX
0
ns
Power-Up Time
tPU
100
ms
Delay Step Size
tSTEP
TA = +25°C
-0.75
+0.25
+1
ns
Step 0 Delay
TD0
(Note 2)
17
20
23
ns
Step 0 Delay Initial Accuracy
VCC = 5V, TA = +25°C
-0.6
+0.6
ns
Step 0 Voltage Variation
-0.4
+0.4
ns
Step 0 Temperature Variation
0°C to +70°C
-1
+1
ns
Step 0 Temperature Variation
-40°C to +85°C
-1
+1
ns
Step 255 Delay
TD255
(Note 2)
77
83.75
88
ns
Step 255 Delay Initial Accuracy
VCC = 5V, TA = +25°C
-0.6
+0.6
ns
Step 255 Voltage Variation
-0.4
+0.4
ns
Step 255 Temperature Variation
0°C to +70°C
-3
+3
ns
Step 255 Temperature Variation
-40°C to +85°C
-5
+5
ns
Integral Nonlinearity
(Deviation from Straight Line)
tERR
TA = +25°C (Note 3)
-2
0
+2
ns
Minimum Input Pulse Width
tWI
(Note 4)
40
ns
Minimum Input Period
tPER
(Note 5)
80
ns
Input Rise and Fall Times
tR, tF
(Note 6)
0
1
μs
tD0
tD0
tD
tWI
IN
OUT
tWI
tD
IN
TIMING REFERENCED TO 1.5V.
OUT
DS1124
Figure 1. Delay Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com