Electronic Components Datasheet Search
  English  ▼

X  

24LC32 Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC32
Description  32K 2.5V I2C??Smart Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC32 Datasheet HTML 4Page - Microchip Technology 24LC32 Datasheet HTML 5Page - Microchip Technology 24LC32 Datasheet HTML 6Page - Microchip Technology 24LC32 Datasheet HTML 7Page - Microchip Technology 24LC32 Datasheet HTML 8Page - Microchip Technology 24LC32 Datasheet HTML 9Page - Microchip Technology 24LC32 Datasheet HTML 10Page - Microchip Technology 24LC32 Datasheet HTML 11Page - Microchip Technology 24LC32 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
24LC32
DS21072G-page 8
 2004 Microchip Technology Inc.
6.3
Contiguous Addressing Across
Multiple Devices
The device select bits A2, A1, A0 can be used to
expand the contiguous address space for up to 256K
bits by adding up to eight 24LC32's on the same bus.
In this case, software can use A0 of the control byte as
address bit A12, A1 as address bit A13, and A2 as
address bit A14.
6.4
Sequential Read
Sequential reads are initiated in the same way as a ran-
dom read except that after the 24LC32 transmits the
first data byte, the master issues an acknowledge as
opposed to the stop condition used in a random read.
This acknowledge directs the 24LC32 to transmit the
next sequentially addressed 8 bit word (Figure 6-3).
Following the final byte transmitted to the master, the
master will NOT generate an acknowledge but will gen-
erate a stop condition.
To provide sequential reads the 24LC32 contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation. The address pointer, however,
will not roll over from address 07FF to address 0000. It
will roll from 07FF to unused memory space.
6.5
Noise Protection
The SCL and SDA inputs have filter circuits which sup-
press noise spikes to ensure proper device operation
even on a noisy bus. All I/O lines incorporate Schmitt
triggers for 400 kHz (Fast Mode) compatibility.
FIGURE 6-2:
RANDOM READ
FIGURE 6-3:
SEQUENTIAL READ
SDA LINE
BUS
CONTROL
BYTE
WORD
ADDRESS (1)
S
T
O
P
S
T
A
R
T
A
C
K
A
C
K
A
C
K
ACTIVITY:
A
C
K
N
O
DATA n
00 0
WORD
ADDRESS (0)
S
T
A
R
T
CONTROL
BYTE
A
C
K
0
S
S
P
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
A
C
K
N
O
A
C
K
DATA n
DATA n + 1
DATA n + 2
DATA n + X
A
C
K
A
C
K
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com