Electronic Components Datasheet Search
  English  ▼

X  

24LC32 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC32
Description  32K 2.5V I2C??Smart Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC32 Datasheet HTML 6Page - Microchip Technology 24LC32 Datasheet HTML 7Page - Microchip Technology 24LC32 Datasheet HTML 8Page - Microchip Technology 24LC32 Datasheet HTML 9Page - Microchip Technology 24LC32 Datasheet HTML 10Page - Microchip Technology 24LC32 Datasheet HTML 11Page - Microchip Technology 24LC32 Datasheet HTML 12Page - Microchip Technology 24LC32 Datasheet HTML 13Page - Microchip Technology 24LC32 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
24LC32
DS21072G-page 10
 2004 Microchip Technology Inc.
7.0
PIN DESCRIPTIONS
7.1
A0, A1, A2 Chip Address Inputs
The A0..A2 inputs are used by the 24LC32 for multiple
device operation and conform to the two-wire bus stan-
dard. The levels applied to these pins define the
address block occupied by the device in the address
map. A particular device is selected by transmitting the
corresponding bits (A2, A1, A0) in the control byte
(Figure 3-3).
7.2
SDA Serial Address/Data Input/Output
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pullup
resistor to VCC (typical 10K
Ω for 100 kHz, 2 KΩ for
400 kHz)
For normal data transfer SDA is allowed to change only
during SCL low.
Changes during SCL high
are
reserved for indicating the START and STOP condi-
tions.
7.3
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
FIGURE 7-1:
CACHE WRITE TO THE ARRAY STARTING AT A PAGE BOUNDARY
FIGURE 7-2:
CACHE WRITE TO THE ARRAY STARTING AT A NON-PAGE BOUNDARY
1 Write command initiated at byte 0 of page 3 in the array;
First data byte is loaded into the cache byte 0.
2 64 bytes of data are loaded into cache.
3 Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
4 Remaining pages in cache are written
to sequential pages in array.
cache
byte 0
cache
byte 1
• • •
cache
byte 7
cache page 1
bytes 8-15
• • •
page 0
cache page 2
bytes 16-23
cache page 7
bytes 56-63
page 1 page 2
• • •
byte 7
• • •
page 4
• • •
page 7
page 3
cache page 0
Last page in cache written to page 2 in next row.
5
array row n
array row n + 1
page 0 page 1 page 2
byte 0
byte 1
page 4
page 7
1 Write command initiated; 64 bytes of data
loaded into cache starting at byte 2 of page 0.
2 Last 2 bytes loaded 'roll over'
to beginning.
3
Last 2 bytes
loaded into
page 0 of cache.
4 Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
cache
byte 1
cache
byte 2
• • •
cache
byte 7
cache page 1
bytes 8-15
• • •
page 0
cache page 2
bytes 16-23
cache page 7
bytes 56-63
page 1 page 2
• • •
• • •
page 4
• • •
page 7
page 3
Remaining bytes in cache are
written sequentially to array.
5
array
row n
array
row
n + 1
cache
byte 0
Last 3 pages in cache written to next row in array.
6
page 1 page 2
byte 0
byte 2
byte 1
page 4
page 7
byte 7
byte 3
byte 4
page 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com