Electronic Components Datasheet Search
  English  ▼

X  

24LC164 Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC164
Description  16K 2.5V Cascadable I2C??Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC164 Datasheet(HTML) 4 Page - Microchip Technology

  24LC164 Datasheet HTML 1Page - Microchip Technology 24LC164 Datasheet HTML 2Page - Microchip Technology 24LC164 Datasheet HTML 3Page - Microchip Technology 24LC164 Datasheet HTML 4Page - Microchip Technology 24LC164 Datasheet HTML 5Page - Microchip Technology 24LC164 Datasheet HTML 6Page - Microchip Technology 24LC164 Datasheet HTML 7Page - Microchip Technology 24LC164 Datasheet HTML 8Page - Microchip Technology 24LC164 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
24LC164
DS21093I-page 4
 2004 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24LC164 supports a Bi-directional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter and if receiving
data, as receiver. The bus has to be controlled by a
master device which generates the serial clock (SCL),
controls the bus access and generates the START and
STOP conditions, while the 24LC164 works as slave.
Both master and slave can operate as transmitter or
receiver, but the master device determines which mode
is activated.
3.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy
• During data transfer, the data line must remain
stable whenever the clock line is HIGH. Changes
in the data line while the clock line is HIGH will be
interpreted as a START or STOP condition
Accordingly, the following bus conditions have been
defined (Figure 3-1).
3.1
Bus not Busy (A)
Both data and clock lines remain HIGH.
3.2
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START condition.
All commands must be preceded by a START condi-
tion.
3.3
Stop Data Transfer (C)
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP condition. All
operations must be ended with a STOP condition.
3.4
Data Valid (D)
The state of the data line represents valid data when,
after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
The data on the line must be changed during the LOW
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition. The number of
the data bytes transferred between the START and
STOP conditions is determined by the master device
and is theoretically unlimited, although only the last 16
will be stored when doing a write operation. When an
overwrite does occur it will replace data in a first in first
out fashion.
3.5
Acknowledge
Each receiving device, when addressed, is obliged to
generate an acknowledge after the reception of each
byte. The master device must generate an extra clock
pulse which is associated with this acknowledge bit..
The device that acknowledges, has to pull down the
SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH
period of the acknowledge related clock pulse.
Of
course, setup and hold times must be taken into
account. During reads, a master must signal an end of
data to the slave by not generating an acknowledge bit
on the last byte that has been clocked out of the slave.
In this case, the slave (24LC164) will leave the data line
HIGH to enable the master to generate the STOP con-
dition.
FIGURE 3-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
Note:
The 24LC164 does not generate any
acknowledge bits if an internal pro-
gramming cycle is in progress.
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com