Electronic Components Datasheet Search
  English  ▼

X  

24LC164 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC164
Description  16K 2.5V Cascadable I2C??Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC164 Datasheet(HTML) 5 Page - Microchip Technology

  24LC164 Datasheet HTML 1Page - Microchip Technology 24LC164 Datasheet HTML 2Page - Microchip Technology 24LC164 Datasheet HTML 3Page - Microchip Technology 24LC164 Datasheet HTML 4Page - Microchip Technology 24LC164 Datasheet HTML 5Page - Microchip Technology 24LC164 Datasheet HTML 6Page - Microchip Technology 24LC164 Datasheet HTML 7Page - Microchip Technology 24LC164 Datasheet HTML 8Page - Microchip Technology 24LC164 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2004 Microchip Technology Inc.
DS21093I-page 5
24LC164
3.6
Device Addressing
A control byte is the first byte received following the
start condition from the master device. The first bit is
always a one. The next three bits of the control byte
are the device select bits (A2, A1, A0). They are used
to select which of the eight devices are to be accessed.
The A1 bit must be the inverse of the A1 device select
pin.
The next three bits of the control byte are the block
select bits (B2, B1, B0). They are used by the master
device to select which of the eight 256 word blocks of
memory are to be accessed. These bits are in effect
the three most significant bits of the word address.
The last bit of the control byte defines the operation to
be performed. When set to one, a read operation is
selected. When set to ‘0’ a write operation is selected.
Following the start condition, the 24LC164 looks for the
slave address for the device selected. Depending on
the state of the R/W bit, the 24LC164 will select a read
or write operation.
FIGURE 3-2:
CONTROL BYTE
ALLOCATION
4.0
WRITE OPERATION
4.1
Byte Write
Following the start condition from the master, the
device code (4 bits), the block address (3 bits) and the
R/W bit, which is a logic LOW, is placed onto the bus by
the master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will fol-
low after it has generated an acknowledge bit during
the ninth clock cycle. Therefore, the next byte transmit-
ted by the master is the word address and will be writ-
ten into the address pointer of the 24LC164. After
receiving
another
acknowledge
signal
from
the
24LC164, the master device will transmit the data word
to be written into the addressed memory location. The
24LC164 acknowledges again and the master gener-
ates a stop condition. This initiates the internal write
cycle. During this time the 24LC164 will not generate
acknowledge signals (Figure 4-1).
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24LC164 in the same way
as in a byte write. But instead of generating a stop con-
dition, the master transmits up to 16 data bytes to the
24LC164 which are temporarily stored in the on-chip
page buffer and will be written into the memory after the
master has transmitted a stop condition. After the
receipt of each word, the four lower order address
pointer bits are internally incremented by one. The
higher order seven bits of the word address remains
constant. If the master should transmit more than 16
words prior to generating the stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the stop condition is received an inter-
nal write cycle will begin (Figure 4-2).
Operation
Control Code
Block Select
R/W
Read
1
A2 A1 A0
Block Address
1
Write
1
A2 A1 A0
Block Address
0
SLAVE ADDRESS
1A2
A1
A0
B2
B1
B0
R/W
A
START
READ/WRITE
MSB
LSB
Note:
Page write operations are limited to
writing bytes within a single physical
page, regardless of the number of
bytes actually being written. Physical
page boundaries start at addresses
that are integer multiples of the page
buffer size (or ‘page size’) and end at
addresses that are integer multiples of
[page size - 1]. If a page write com-
mand attempts to write across a physi-
cal page boundary, the result is that the
data wraps around to the beginning of
the current page (overwriting data pre-
viously stored there), instead of being
written to the next page as might be
expected. It is therefore necessary for
the application software to prevent
page
write
operations
that
would
attempt to cross a page boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com