Electronic Components Datasheet Search
  English  ▼

X  

24C65 Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C65
Description  64K 1.8V I2C Smart Serial O EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C65 Datasheet(HTML) 3 Page - Microchip Technology

  24C65 Datasheet HTML 1Page - Microchip Technology 24C65 Datasheet HTML 2Page - Microchip Technology 24C65 Datasheet HTML 3Page - Microchip Technology 24C65 Datasheet HTML 4Page - Microchip Technology 24C65 Datasheet HTML 5Page - Microchip Technology 24C65 Datasheet HTML 6Page - Microchip Technology 24C65 Datasheet HTML 7Page - Microchip Technology 24C65 Datasheet HTML 8Page - Microchip Technology 24C65 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2003 Microchip Technology Inc.
DS21073J-page 3
24AA65/24LC65/24C65
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC............................................................................................................................................................................. 7.0V
All inputs and outputs w.r.t. VSS ..........................................................................................................-0.6V to VCC +1.0V
Storage temperature ............................................................................................................................... -65°C to +150°C
Ambient temperature with power applied................................................................................................-65°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4 kV
TABLE 1-1:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
VCC = +1.8V to +6.0V
Commercial
(C): TA =0
°C to +70°C
Industrial
(I): TA =-40
°C to +85°C
Automotive
(E): TA =-40
°C to +125°C
Parameter
Sym
Min
Max
Units
Conditions
A0, A1, A2, SCL and SDA pins:
High-level input voltage
Low-level input voltage
Hysteresis of Schmitt Trigger inputs
Low-level output voltage
VIH
VIL
VHYS
VOL
.7 VCC
—
.05 VCC
—
—
.3 VCC
—
.40
V
V
V
V
(Note 1)
IOL = 3.0 mA
Input leakage current
ILI
—
±1
µAVIN = .1V to VCC
Output leakage current
ILO
—
±1
µAVOUT = .1V to VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
—10
pF
VCC = 5.0V (Note 1)
TA = 25°C, FCLK = 1 MHz
Operating current
ICC Write
ICC Read
—
—
3
150
mA
µA
VCC = 6.0V, SCL = 400 kHz
VCC = 6.0V, SCL = 400 kHz
Standby current
ICCS
—5
µAVCC = 5.0V, SCL = SDA = VCC
A0, A1, A2 = VSS
Note 1:
This parameter is periodically sampled and not 100% tested.
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com