Electronic Components Datasheet Search
  English  ▼

X  

24C65 Datasheet(PDF) 4 Page - Microchip Technology

Part # 24C65
Description  64K 1.8V I2C Smart Serial O EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C65 Datasheet(HTML) 4 Page - Microchip Technology

  24C65 Datasheet HTML 1Page - Microchip Technology 24C65 Datasheet HTML 2Page - Microchip Technology 24C65 Datasheet HTML 3Page - Microchip Technology 24C65 Datasheet HTML 4Page - Microchip Technology 24C65 Datasheet HTML 5Page - Microchip Technology 24C65 Datasheet HTML 6Page - Microchip Technology 24C65 Datasheet HTML 7Page - Microchip Technology 24C65 Datasheet HTML 8Page - Microchip Technology 24C65 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
24AA65/24LC65/24C65
DS21073J-page 4
 2003 Microchip Technology Inc.
TABLE 1-2:
AC CHARACTERISTICS
FIGURE 1-2:
BUS TIMING DATA
Parameter
Symbol
VCC = 1.8V-6.0V
STD. Mode
VCC = 4.5-6.0V
FAST Mode
Units
Remarks
Min
Max
Min
Max
Clock frequency
FCLK
—100
—
400
kHz
Clock high time
THIGH
4000
—
600
—
ns
Clock low time
TLOW
4700
—
1300
—
ns
SDA and SCL rise time
TR
—
1000
—
300
ns
(Note 1)
SDA and SCL fall time
TF
—
300
—
300
ns
(Note 1)
Start condition setup time
THD:STA
4000
—
600
—
ns
After this period the first
clock pulse is generated
Start condition setup time
TSU:STA
4700
—
600
—
ns
Only relevant for
repeated Start condition
Data input hold time
THD:DAT
0—
0
—
ns
Data input setup time
TSU:DAT
250
—
100
—
ns
Stop condition setup time
TSU:STO
4000
—
600
—
ns
Output valid from clock
TAA
—
3500
—
900
ns
(Note 2)
Bus free time
TBUF
4700
—
1300
—
ns
Time the bus must be
free before a new
transmission can start
Output fall time from VIH min to
VIL max
TOF
—
250
20 + 0.1
CB
250
ns
(Note 1), CB
≤ 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
50
—
50
—
ns
(Note 3)
Write cycle time
TWR
—
5
—
5
ms/page (Note 4)
Endurance
High Endurance Block
Rest of Array
10M
1M
—
—
10M
1M
—
—
cycles
25°C, (Note 5)
Note 1:
Not 100 percent tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise and spike suppression. This eliminates the need for a Ti specification for standard operation.
4:
The times shown are for a single page of 8 bytes. Multiply by the number of pages loaded into the write
cache for total time.
5:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be downloaded at www.microchip.com.
SCL
SDA
IN
SDA
OUT
TSU:STA
TSP
TAA
TF
TLOW
THIGH
THD:STA
THD:DAT
TSU:DAT
TSU:STO
TBUF
TAA
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com