Electronic Components Datasheet Search
  English  ▼

X  

28C04A/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 28C04A/P
Description  4K (512 x 8) CMOS EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C04A/P Datasheet(HTML) 3 Page - Microchip Technology

  28C04A/P Datasheet HTML 1Page - Microchip Technology 28C04A/P Datasheet HTML 2Page - Microchip Technology 28C04A/P Datasheet HTML 3Page - Microchip Technology 28C04A/P Datasheet HTML 4Page - Microchip Technology 28C04A/P Datasheet HTML 5Page - Microchip Technology 28C04A/P Datasheet HTML 6Page - Microchip Technology 28C04A/P Datasheet HTML 7Page - Microchip Technology 28C04A/P Datasheet HTML 8Page - Microchip Technology 28C04A/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 2004 Microchip Technology Inc.
DS11126H-page 3
28C04A
TABLE 1-3:
READ OPERATION AC CHARACTERISTICS
FIGURE 1-1:
READ WAVEFORMS
AC Testing Waveform:
VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise and Fall Times: 20 ns
Ambient Temperature:
Commercial (C): Tamb =
0°C to +70°C
Industrial
(I):
Tamb =
-40°C to +85°C
Parameter
Sym
28C04A-15
28C04A-20
28C04A-25
Units
Conditions
Min
Max
Min
Max
Min
Max
Address to Output Delay
tACC
150
200
250
ns
OE = CE = VIL
CE to Output Delay
tCE
150
200
250
ns
OE = VIL
OE to Output Delay
tOE
70
80
100
ns
CE = VIL
CE to OE High Output Float
tOFF
050
0
55
070
ns
Output Hold from Address, CE
or OE, whichever occurs first
tOH
000
ns
Endurance
—
1M
—
1M
—
1M
—
cycles 25°C, Vcc =
5.0V, Block
Mode (Note)
Note: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com