Electronic Components Datasheet Search
  English  ▼

X  

28C04A/P Datasheet(PDF) 5 Page - Microchip Technology

Part # 28C04A/P
Description  4K (512 x 8) CMOS EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C04A/P Datasheet(HTML) 5 Page - Microchip Technology

  28C04A/P Datasheet HTML 1Page - Microchip Technology 28C04A/P Datasheet HTML 2Page - Microchip Technology 28C04A/P Datasheet HTML 3Page - Microchip Technology 28C04A/P Datasheet HTML 4Page - Microchip Technology 28C04A/P Datasheet HTML 5Page - Microchip Technology 28C04A/P Datasheet HTML 6Page - Microchip Technology 28C04A/P Datasheet HTML 7Page - Microchip Technology 28C04A/P Datasheet HTML 8Page - Microchip Technology 28C04A/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 2004 Microchip Technology Inc.
DS11126H-page 5
28C04A
FIGURE 1-3:
DATA POLLING WAVEFORMS
FIGURE 1-4:
CHIP CLEAR WAVEFORMS
Address Valid
Last Written
Address Valid
t ACC
t CE
t WPL
t WPH
t DV
t WC
t OE
True Data Out
Data In
Valid
VIH
VIL
Data
OE
WE
CE
Address
I/O7 Out
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VH
VIH
CE
OE
WE
tS
tH
tW
tS =
= 1
µs
tH
= 10ms
tW
VIH
VIL
VIH
VIL
= 12.0V
±0.5V
VH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com