Electronic Components Datasheet Search
  English  ▼

X  

TDA8340 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8340
Description  Television IF amplifier and demodulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8340 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8340 Datasheet HTML 3Page - NXP Semiconductors TDA8340 Datasheet HTML 4Page - NXP Semiconductors TDA8340 Datasheet HTML 5Page - NXP Semiconductors TDA8340 Datasheet HTML 6Page - NXP Semiconductors TDA8340 Datasheet HTML 7Page - NXP Semiconductors TDA8340 Datasheet HTML 8Page - NXP Semiconductors TDA8340 Datasheet HTML 9Page - NXP Semiconductors TDA8340 Datasheet HTML 10Page - NXP Semiconductors TDA8340 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
November 1987
7
Philips Semiconductors
Product specification
Television IF amplifier and demodulator
TDA8340
TDA8341
Residual 2nd harmonic
of carrier signal
(r.m.s. value)
note 8
V12-13(rms)
−
210
mV
Variation of video voltage for
∆V
CC =1 V
0,1
0,2
0,3
Intermodulation
notes 8 and 9;
1,1 MHz, blue
α−
−65
−60
dB
1,1 MHz, yellow
α−
−60
−56
dB
3,3 MHz
α−
−
−68
dB
Signal-to-noise ratio
note 10;
Vi = 10 mV
S/(S
+N)
50
58
−
dB
max. gain
S/(S
+N)
54
61
−
dB
Spot inverter (note 11)
Threshold level
V12-13
6,3
6,8
7,3
V
Insertion level
V12-13
4,2
4,5
4,8
V
Noise inverter (note 11)
Threshold level
V12-13
1,6
1,8
2,0
V
Insertion level
V12-13
3,5
3,8
4,1
V
VCR switch
Level below which video
output switches off
V14-13
1,8
2,2
2,6
V
Switch current
V12−13 = 0,7 V
−I14
40
60
100
µA
AFC circuit (note 12)
Output voltage swing
(peak-to-peak value)
V5-13(p-p)
−
10
−
V
Change of frequency for
an AFC output voltage
swing of 10 V
∆f
−
60
120
kHz
AFC output voltage
at f = 38,9 MHz
V5-13
−
6
−
V
no input signal
V5-13
2
6
10
V
during AFC off
V5-13
567V
AFC output resistance
R5-13
−
500
−Ω
AFC switch:
level below which AFC
output switches off
V6-13
1,4
2,0
2,8
V
AFC switch current
during AFC on
I6
−
200
500
µA
Max. AFC switch current
during AFC off;
V6−13 =0V
I6
−−
5mA
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
V
12
13 p
p
–
()
–
∆
V11 13
–
∆
-------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com