Electronic Components Datasheet Search
  English  ▼

X  

TDA8340 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8340
Description  Television IF amplifier and demodulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8340 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8340 Datasheet HTML 1Page - NXP Semiconductors TDA8340 Datasheet HTML 2Page - NXP Semiconductors TDA8340 Datasheet HTML 3Page - NXP Semiconductors TDA8340 Datasheet HTML 4Page - NXP Semiconductors TDA8340 Datasheet HTML 5Page - NXP Semiconductors TDA8340 Datasheet HTML 6Page - NXP Semiconductors TDA8340 Datasheet HTML 7Page - NXP Semiconductors TDA8340 Datasheet HTML 8Page - NXP Semiconductors TDA8340 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
November 1987
4
Philips Semiconductors
Product specification
Television IF amplifier and demodulator
TDA8340
TDA8341
PINNING
FUNCTIONAL DESCRIPTION
IF amplifier
This is a 3-stage, gain-controlled IF amplifier with a wide dynamic range. On-chip capacitors in the d.c. feedback loop of
the amplifier maintain stability at maximum gain. Internal stabilization of the supply voltage ensures the desired sensitivity
and gain control range over the whole supply voltage range and also gives very good power supply ripple rejection in this
part of the circuit.
Demodulator
The redesigned IF demodulator is a quasi-synchronous circuit that employs passive carrier regeneration and logarithmic
clamping to give improved signal handling. The demodulator input is a.c. coupled to the IF amplifier to reduce d.c. offsets
and thus minimize residual IF carrier in the output signal.
Video amplifier
The linearity and bandwidth of the video amplifier are sufficient to meet all wide band requirements, e.g. for teletext
transmissions. Second harmonics of the IF carrier are effectively reduced by a Sallen-Key low pass interstage filter
between the demodulator output and the video amplifier input. An integrated filter in the noise inverter reduces the
sensitivity of the video amplifier for high sound carriers.
White spot protection comprises a white spot clamp system combined with a delayed-action inverter which is also highly
resistant to high sound carriers.
Note. To prevent radiated video output at the input pins, connect a 6,8
µH inductor in series with pin 12 and fit as close
as possible to the IC body. Use short leads.
AGC detector
A Bessel low-pass filter between the video output and the AGC detector improves the detector function in the presence
of high sound carriers. No ‘hang-up’ occurs in the detector after pin 14 has been short-circuited to ground (VCR switch
operated). The detector also generates the sample-and-hold pulse for the AFC system.
1 and 16
Balanced IF inputs
2 and 15
IF amplifier decoupling
3
Tuner AGC starting point adjustment
4
Tuner AGC output
5
AFC output
6
AFC on/off switch and sample-and-hold capacitor
7 and 10
Reference carrier
π/2 rad. phase shift
8 and 9
IF picture carrier passive regeneration
11
Positive supply voltage (VCC)
12
Video output
13
Ground (VEE)
14
IF AGC capacitor and VCR switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com