Electronic Components Datasheet Search
  English  ▼

X  

L3383 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L3383
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3383 Datasheet(HTML) 1 Page - Unisonic Technologies

  L3383 Datasheet HTML 1Page - Unisonic Technologies L3383 Datasheet HTML 2Page - Unisonic Technologies L3383 Datasheet HTML 3Page - Unisonic Technologies L3383 Datasheet HTML 4Page - Unisonic Technologies L3383 Datasheet HTML 5Page - Unisonic Technologies L3383 Datasheet HTML 6Page - Unisonic Technologies L3383 Datasheet HTML 7Page - Unisonic Technologies L3383 Datasheet HTML 8Page - Unisonic Technologies L3383 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L3383
CMOS IC
www.unisonic.com.tw
1 of 14
Copyright © 2005 Unisonic Technologies Co., Ltd.
QW-R502-032,E
PFM CONTROLLED, STEP-UP
DC/DC CONVERTERS
(VARIABLE DUTY RATIO)
DESCRIPTION
The UTC L3383 Series are PFM step-up DC/DC switching
converter. The UTC L3383 can support both large and small
currents. It automatically switches duty ratio (45%/75%) when it
senses changes in load.
Both built-in and external transistor types include 5-pin and 3-pin
packages, which are provided with either a CE (chip enable) function
that reduces power consumption during shut-down mode, or a VDD
pin function (separated power and voltage detect pins).
FEATURES
* Output voltage range: 2.0V~7.0V in 0.1V increments
* Operating (start-up) voltage range: 0.9V~10V
* Highly accurate: Set-up voltage ±2.5%
* Maximum oscillator frequency (Max Fosc1): 180kHz (±15%)
* Variable Duty Ratio: 45%/75% (±5%)
* Both switching transistor built-in and external types are available
* 5-lead package offer Chip Enable or independent VOUT pin option.
1
SOT-89
SOT-25
4
5
3
2
1
*Pb-free plating product number: L3383L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
12
3
4
5
Packing
L3383-xx-AB3-R
L3383L-xx-AB3-R
SOT-89
G
O
I
-
-
Tape Reel
L3383-xx-AF5-R
L3383L-xx-AF5-R
SOT-25
E
O
N
G
I
Tape Reel
Note: Pin Assignment: I:VIN O:VOUT G:GND N: No Connection E: Chip Enable
xx: Output Voltage, refer to Marking Information.
L3383L-xx-AB3-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(4)Lead Plating
(1) R: Tape Reel
(2) AB3: SOT-89, AF5: SOT-25
(3) xx: refer to Marking Information
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - L3383

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-18-AF5-R UTC-L3380-18-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-21-AF5-R UTC-L3380-21-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-25-AF5-R UTC-L3380-25-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-27-AF5-R UTC-L3380-27-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
More results

Similar Description - L3383

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
PFM Step-Up DC/DC Regulators
2002
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Unisonic Technologies
UC3383 UTC-UC3383 Datasheet
277Kb / 15P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com