Electronic Components Datasheet Search
  English  ▼

X  

L3383 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # L3383
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3383 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button L3383 Datasheet HTML 6Page - Unisonic Technologies L3383 Datasheet HTML 7Page - Unisonic Technologies L3383 Datasheet HTML 8Page - Unisonic Technologies L3383 Datasheet HTML 9Page - Unisonic Technologies L3383 Datasheet HTML 10Page - Unisonic Technologies L3383 Datasheet HTML 11Page - Unisonic Technologies L3383 Datasheet HTML 12Page - Unisonic Technologies L3383 Datasheet HTML 13Page - Unisonic Technologies L3383 Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
L3383
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 14
www.unisonic.com.tw
QW-R502-032,E
TYPICAL CHARACTERISTICS FOR L3383-5.0
10
515
0
Output Current, IOUT(mA)
VHLD
VST
(1) Operating Start Voltage, Retain
Voltage vs. Output Current
5.1
20
-20
40
5.2
5.0
4.9
-40
Temperature, Ta (℃)
4.8
(2) Output Voltage vs. Temperature
60
80
0
1.5
2.0
1.0
0.5
0.0
0.8
20
-20
40
1.0
0.6
0.4
-40
0.2
60
80
0
VHLD
VST
0.0
50
20
-20
40
60
40
30
-40
20
60
80
0
0
10
(3) Operating Start Voltage, Retain
Voltage vs. Output Current
(4) Current Consumption 1 vs.
Temperature
Temperature, Ta (℃)
Temperature, Ta (℃)
3
20
-20
40
4
2
1
-40
0
60
80
0
3
20
-20
40
4
2
1
-40
0
(6) Lx Switching-on Resistance vs.
Temperature
60
80
0
(5) Current Consumption 2 vs.
Temperature
Amb. Temperature Ta
, (℃)
Amb. Temperature Ta
, (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com