Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP110
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP110 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments TMP110 Datasheet HTML 10Page - Texas Instruments TMP110 Datasheet HTML 11Page - Texas Instruments TMP110 Datasheet HTML 12Page - Texas Instruments TMP110 Datasheet HTML 13Page - Texas Instruments TMP110 Datasheet HTML 14Page - Texas Instruments TMP110 Datasheet HTML 15Page - Texas Instruments TMP110 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Table 7-1. 12/13-Bit Temperature Data Guidelines
EM Bit
Temperature Bit Length
Q Notation
LSB (°C)
Range (+)
0
12
4
0.0625
127.93475
1
13
4
0.0625
256
Two bytes must be read to obtain data. Byte 1 is the most significant byte (MSB), followed by byte 2, the least
significant byte (LSB). The first 12 bits (13 bits in extended mode) are used to indicate temperature. The least
significant byte does not have to be read if that information is not needed. The data format for temperature
is summarized in Table 7-2 and Table 7-3. One LSB equals 0.0625°C. Negative numbers are represented in
binary twos-complement format. Following power-up or reset, the temperature register reads 0°C until the first
conversion is complete. Bit D0 of byte 2 indicates normal mode (EM bit = 0) or extended mode (EM bit =
1), and can be used to distinguish between the two temperature register data formats. The unused bits in the
temperature register always read 0.
Table 7-2. 12-Bit Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX
>127.9375
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0.0625
0000 0000 0001
001
0
0000 0000 0000
000
-0.0625
1111 1111 1111
FFF
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
Table 7-2 does not list all temperatures. Use the following rules to obtain the digital data format for a given
temperature or the temperature for a given digital data format.
To convert positive temperatures to a digital data format:
1. Divide the temperature by the resolution
2. Convert the result to binary code with a 12-bit, left-justified format, and MSB = 0 to denote a positive sign.
Example: (50°C) / (0.0625°C / LSB) = 800 = 320h = 0011 0010 0000
To convert a positive digital data format to temperature:
1. Convert the 12-bit, left-justified binary temperature result, with the MSB = 0 to denote a positive sign, to a
decimal number.
2. Multiply the decimal number by the resolution to obtain the positive temperature.
Example: 0011 0010 0000 = 320h = 800 × (0.0625°C / LSB) = 50°C
To convert negative temperatures to a digital data format:
1. Divide the absolute value of the temperature by the resolution, and convert the result to binary code with a
12-bit, left-justified format.
2. Generate the twos complement of the result by complementing the binary number and adding one. Denote a
negative number with MSB = 1.
Example: (|–25°C|) / (0.0625°C / LSB) = 400 = 190h = 0001 1001 0000
TMP110
SNIS233A – FEBRUARY 2024 – REVISED JULY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com