Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP110
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP110 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 9Page - Texas Instruments TMP110 Datasheet HTML 10Page - Texas Instruments TMP110 Datasheet HTML 11Page - Texas Instruments TMP110 Datasheet HTML 12Page - Texas Instruments TMP110 Datasheet HTML 13Page - Texas Instruments TMP110 Datasheet HTML 14Page - Texas Instruments TMP110 Datasheet HTML 15Page - Texas Instruments TMP110 Datasheet HTML 16Page - Texas Instruments TMP110 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Two's complement format: 1110 0110 1111 + 1 = 1110 0111 0000
To convert a negative digital data format to temperature:
1. Generate the twos compliment of the 12-bit, left-justified binary number of the temperature result (with
MSB = 1, denoting negative temperature result) by complementing the binary number and adding one. This
represents the binary number of the absolute value of the temperature.
2. Convert to decimal number and multiply by the resolution to get the absolute temperature, then multiply by
–1 for the negative sign.
Example: 1110 0111 0000 has twos compliment of 0001 1001 0000 = 0001 1000 1111 + 1
Convert to temperature: 0001 1001 0000 = 190h = 400; 400 × (0.0625°C / LSB) = 25°C = (|–25°C|); (|–
25°C|) × (–1) = –25°C
Table 7-3. 13-Bit Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX
150
0 1001 0110 0000
0960
128
0 1000 0000 0000
0800
127.9375
0 0111 1111 1111
07FF
100
0 0110 0100 0000
0640
80
0 0101 0000 0000
0500
75
0 0100 1011 0000
04B0
50
0 0011 0010 0000
0320
25
0 0001 1001 0000
0190
0.25
0 0000 0000 0100
0004
0.0625
0 0000 0000 0001
0001
0
0 0000 0000 0000
0000
–0.0625
1 1111 1111 1111
1FFF
–0.25
1 1111 1111 1100
1FFC
–25
1 1110 0111 0000
1E70
–55
1 1100 1001 0000
1C90
7.3.2 Decoding Temperature Data
The TMP110 temperature registers use a 12-bit format. The 12 bits are aligned to the left side, or most
significant side, of the 16-bit word. The four unused bits are on the right side, or least significant side. For
this reason, a shift is needed to discard the extra bits. 2’s Complement is employed to describe negative
temperatures. C code can easily convert the 2’s Complement data when the data is typecast into the correct
signed data type. Q notation describes the number of bits which represent a fractional result. 4 bits of fractional
data, known as Q4, offers 0.0625°C resolution.
Table 7-4. 12-Bit Q4 Encoding Parameters
PARAMETER
VALUE
Bits
12
Q
4
Resolution
0.0625
Range (+)
127.9375
Range (–)
-128
25˚C
0x0190
www.ti.com
TMP110
SNIS233A – FEBRUARY 2024 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com