Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP112D
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112D Datasheet(HTML) 4 Page - Texas Instruments

  TMP112D Datasheet HTML 1Page - Texas Instruments TMP112D Datasheet HTML 2Page - Texas Instruments TMP112D Datasheet HTML 3Page - Texas Instruments TMP112D Datasheet HTML 4Page - Texas Instruments TMP112D Datasheet HTML 5Page - Texas Instruments TMP112D Datasheet HTML 6Page - Texas Instruments TMP112D Datasheet HTML 7Page - Texas Instruments TMP112D Datasheet HTML 8Page - Texas Instruments TMP112D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
5 Pin Configuration and Functions
1
GND
2
SCL
3
ADD0
4
SDA
5
V+
Not to scale
DPW Package
5-Pin X2SON
TMP112D
(Top View)
1
GND
2
SCL
3
ALERT
4
SDA
5
V+
Not to scale
DPW Package
5-Pin X2SON
TMP112D0/D1/D2/D3
(Top View)
1
2
3
6
5
4
SDA
V+
ADD0
SCL
GND
ALERT
DRL Package
6-Pin SOT563
TMP112A/B/D/N
(Top View)
Table 5-1. Pin Function
PIN
Type(1)
DESCRIPTION
NAME
DRL
Package
DPW Package
NO.
TMP112A/
B/D/N
NO.
TMP112D
NO.
TMP112D0
/1/2/3
SCL
1
2
2
I
Serial clock
GND
2
1
1
—
Ground
Pin-1 has curved edges in TMP112Dx.
ALERT
3
-
3
O
Overtemperature alert. Open-drain output; requires a pullup resistor.
Note: Connecting to GND if Alert pin is not used is preferred.
ADD0
4
3
-
I
Address Select. Connect to V+, GND, SDA or SCL
V+
5
5
5
I
Supply voltage, 1.4 V to 3.6 V
SDA
6
4
4
I/O
Serial data. Open-drain output; requires a pullup resistor.
(1)
I = Input; O = Output, I/O = Input or Output
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com