Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP112D
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 7Page - Texas Instruments TMP112D Datasheet HTML 8Page - Texas Instruments TMP112D Datasheet HTML 9Page - Texas Instruments TMP112D Datasheet HTML 10Page - Texas Instruments TMP112D Datasheet HTML 11Page - Texas Instruments TMP112D Datasheet HTML 12Page - Texas Instruments TMP112D Datasheet HTML 13Page - Texas Instruments TMP112D Datasheet HTML 14Page - Texas Instruments TMP112D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
6.9 Typical Characteristics (TMP112Dx) (continued)
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
40
45
50
55
60
65
70
75
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-13. Active Conversion Current vs Temperature
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
0
200
400
600
800
1,000
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-14. Shutdown Current vs Temperature
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
2.4
2.6
2.8
3
3.2
3.4
3.6
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-15. Standby Current vs Temperature
Bus Frequency (Hz)
103
104
105
106
5x106
0
5
10
15
20
25
30
35
40
TA = -40C and 25C
TA = -40C
TA = 25C
TA = 125C
Figure 6-16. Shutdown Current vs Bus Frequency (Temperature
at 3.3-V Supply)
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
10
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-17. Conversion Time vs Temperature
Te meperature (C)
-40
-20
0
20
40
60
80
100
120
2
4
6
8
10
8 Conv/s
4 Conv/s
1 Conv/s
0.25 Conv/s
Figure 6-18. Average Supply Current vs Conversion Rate
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com