Electronic Components Datasheet Search
  English  ▼

X  

TDA8395 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8395
Description  SECAM decoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8395 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8395 Datasheet HTML 2Page - NXP Semiconductors TDA8395 Datasheet HTML 3Page - NXP Semiconductors TDA8395 Datasheet HTML 4Page - NXP Semiconductors TDA8395 Datasheet HTML 5Page - NXP Semiconductors TDA8395 Datasheet HTML 6Page - NXP Semiconductors TDA8395 Datasheet HTML 7Page - NXP Semiconductors TDA8395 Datasheet HTML 8Page - NXP Semiconductors TDA8395 Datasheet HTML 9Page - NXP Semiconductors TDA8395 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
October 1991
6
Philips Semiconductors
Preliminary specification
SECAM decoder
TDA8395
Notes to the characteristics
1. If measured in the burst-period of a blue line.
2. The video input is AC-coupled.
3. During scan.
4. Measured as 100% x (IVuI - IVII) / (IVuI + IVlI); see Fig.3.
5. Converted to input frequency error.
6. Defined as the ratio between the peak-to-peak value of the B
−Y component of the demodulated 100/75 colour bar
and the peak-to-peak value of the noise.
7. The reference should be stable during frame blanking.
8. The SECAM enable and disable timing should preferably be at the end of the frame blanking.
9. The externally supplied voltage should exceed 0.5 V.
Sandcastle pulse
Vbl
blanking detection level
1.0
1.25
1.5
V
Vbg
burst gate detection level
3.5
3.85
4.2
V
tf
falling edge of burst gate to
start sync
8.5
9.0
9.5
µs
Reference/communication
fref
reference frequency
note 7
−
4.4336
−
MHz
Vref(p-p)
reference voltage amplitude
(peak-to-peak value)
0.20
−
0.50
V
Ved
SECAM enable detection
level; pin 1
−
2.8
3.3
V
Vdd
SECAM disabled detection
level; pin 1
note 8
1.5
2.0
−
V
Is
sink current at SECAM
identification; pin 1
note 9
−
150
−µA
Identification
ti
identification time
−
4
−
frames
H
colour on/off hysteresis
3
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com