Electronic Components Datasheet Search
  English  ▼

X  

TDA8395 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8395
Description  SECAM decoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8395 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8395 Datasheet HTML 1Page - NXP Semiconductors TDA8395 Datasheet HTML 2Page - NXP Semiconductors TDA8395 Datasheet HTML 3Page - NXP Semiconductors TDA8395 Datasheet HTML 4Page - NXP Semiconductors TDA8395 Datasheet HTML 5Page - NXP Semiconductors TDA8395 Datasheet HTML 6Page - NXP Semiconductors TDA8395 Datasheet HTML 7Page - NXP Semiconductors TDA8395 Datasheet HTML 8Page - NXP Semiconductors TDA8395 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
October 1991
3
Philips Semiconductors
Preliminary specification
SECAM decoder
TDA8395
Fig.1 Block diagram.
Fig.2 Pin configuration
PINNING
SYMBOL
PIN
DESCRIPTION
fref/ IDENT
1
reference frequency
input/identification input
TEST
2
test output
VP
3
positive supply voltage
n.c.
4
not connected
n.c.
5
not connected
GND
6
ground
CLOCHEref
7
Cloche reference filter
PLLref
8
PLL reference
−(R−Y)
9
−(R−Y) output
−(B−Y)
10
−(B−Y) output
n.c.
11
not connected
n.c.
12
not connected
n.c.
13
not connected
n.c.
14
not connected
SAND
15
sandcastle pulse input
CVBS
16
video (chrominance) input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com