Electronic Components Datasheet Search
  English  ▼

X  

IR3500MPBF Datasheet(PDF) 35 Page - International Rectifier

Part # IR3500MPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500MPBF Datasheet(HTML) 35 Page - International Rectifier

Back Button IR3500MPBF Datasheet HTML 31Page - International Rectifier IR3500MPBF Datasheet HTML 32Page - International Rectifier IR3500MPBF Datasheet HTML 33Page - International Rectifier IR3500MPBF Datasheet HTML 34Page - International Rectifier IR3500MPBF Datasheet HTML 35Page - International Rectifier IR3500MPBF Datasheet HTML 36Page - International Rectifier IR3500MPBF Datasheet HTML 37Page - International Rectifier IR3500MPBF Datasheet HTML 38Page - International Rectifier IR3500MPBF Datasheet HTML 39Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
IR3500
Page 35 of 47
June 12, 2007
K
V
f
C
L
R
R
I
C
E
E
FB
CP
∗
∗
∗
∗
∗
∗
=
5
)
2
(
2
π
(36)
CP
C
CP
R
f
K
C
∗
∗
=
π
2
(37)
CP
C
CP
R
K
f
C
∗
∗
∗
=
π
2
1
1
(38)
FB
C
FB
R
f
K
C
∗
∗
=
π
2
(39)
FB
C
FB
C
K
f
R
∗
∗
∗
=
π
2
1
1
(40)
DESIGN EXAMPLE 1 – AMD OPTERON CONVERTER (FIGURE 20)
SPECIFICATIONS
Input Voltage: VI=12 V
DAC Voltage: VDAC=1.3 V
No Load Output Voltage Offset: VO_NLOFST=10 mV
Output Current: IO=120 ADC
Maximum Output Current: IOMAX=135 ADC
Output Impedance: RO=0.7 m
Soft Start Delay Time: TD1=1-5mS
Soft Start Time: TD2=2 mS
VR Ready Delay Time: TD3=0-10mS
Maximum Over Current Delay: tOCDEL<2.5mS
Dynamic VID Down-Slope Slew Rate: SRDOWN=2.5mV/uS
Over Temperature Threshold: TMAX=115 ºC
POWER STAGE
Phase Number: n=3
Switching Frequency: fSW=250 kHz
Output Inductors: L=470 nH, RL= 1m
Output Capacitors: Polymer, C=560uF, RC= 7m , Number Cn=12
IR3500 EXTERNAL COMPONENTS
Oscillator Resistor Rosc
Once the switching frequency is chosen, ROSC can be determined from the curve in Figure 23. For a switching
frequency of 250kHz per phase, choose ROSC=50k . The reference current for VSETPT and OCSET is given by
11.9 uA.
Soft Start Capacitor CSS/DEL
Determine the soft start capacitor from the required soft start time.
uF
V
I
TD
C
O
CHG
DEL
SS
1
.
0
3
.
1
10
*
5
.
52
*
10
*
2
*
2
6
3
/
=
=
=
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com