Electronic Components Datasheet Search
  English  ▼

X  

IR3500MPBF Datasheet(PDF) 39 Page - International Rectifier

Part # IR3500MPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500MPBF Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3500MPBF Datasheet HTML 35Page - International Rectifier IR3500MPBF Datasheet HTML 36Page - International Rectifier IR3500MPBF Datasheet HTML 37Page - International Rectifier IR3500MPBF Datasheet HTML 38Page - International Rectifier IR3500MPBF Datasheet HTML 39Page - International Rectifier IR3500MPBF Datasheet HTML 40Page - International Rectifier IR3500MPBF Datasheet HTML 41Page - International Rectifier IR3500MPBF Datasheet HTML 42Page - International Rectifier IR3500MPBF Datasheet HTML 43Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
IR3500
Page 39 of 47
June 12, 2007
The soft start time is
mS
I
C
TD
CHG
DEL
SS
1
.
2
10
*
5
.
52
1
.
1
*
10
*
1
.
0
1
.
1
*
2
6
6
/
=
=
=
−
−
The VID sample delay time is
mS
I
C
TD
CHG
DEL
SS
33
.
1
10
*
5
.
52
7
.
0
*
10
*
1
.
0
)
1
.
1
4
.
1
2
.
3
(
*
3
6
6
/
=
=
−
−
=
−
−
VID rise time is
mS
I
V
C
TD
CHG
DAC
DEL
SS
38
.
0
10
*
5
.
52
1
.
1
3
.
1
*
10
*
1
.
0
1
.
1
*
4
6
6
/
=
−
=
−
=
−
−
The VR ready delay time is
mS
TD
TD
I
C
TD
CHG
DEL
SS
37
.
1
4
10
*
5
.
52
92
.
0
*
10
*
1
.
0
4
)
3
92
.
3
(
*
5
6
6
/
=
−
=
−
−
=
−
−
Minimum over current fault latch delay time is
ms
I
C
t
OCDISCHG
DEL
SS
OCDEL
21
.
0
10
*
55
12
.
0
*
10
*
1
.
0
12
.
0
*
6
6
/
=
=
=
−
−
VDAC Slew Rate Programming Capacitor CVDAC and Resistor RVDAC
Calculate the VDAC down-slope slew-rate programming capacitor from the required down-slope slew rate. The
up-slope slew rate is the same as the down-slope slew rate.
nF
SR
I
C
DOWN
SINK
VDAC
18
10
/
10
*
5
.
2
10
*
44
6
3
6
=
=
=
−
−
−
Calculate the programming resistor.
Ω
=
+
=
+
=
−
−
−
10
)
10
*
18
(
10
*
2
.
3
5
.
0
10
*
2
.
3
5
.
0
2
9
15
2
15
VDAC
VDAC
C
R
Over Current Setting Resistor ROCSET
The room temperature is 25ºC and the target PCB temperature is 100 ºC. The phase IC die temperature is about
1 ºC higher than that of phase IC, and the inductor temperature is close to PCB temperature.
Calculate Inductor DC resistance at 100 ºC,
Ω
=
−
∗
+
∗
=
−
∗
+
∗
=
−
−
−
m
T
T
R
R
ROOM
MAX
L
ROOM
L
MAX
L
64
.
0
)]
25
100
(
10
*
3850
1
[
10
*
5
.
0
)]
(
10
*
3850
1
[
6
3
_
6
_
_
Set the over current limit at 135A. From Figure 22, the bias current of OCSET pin (IOCSET) is 40uA with
ROSC=15k . The total current sense amplifier input offset voltage is 0.3mV, which includes the offset created by
the current sense amplifier (CSA) input bias current through the resistor RCS.
mV
V
TOFST
CS
3
.
0
_
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com