Electronic Components Datasheet Search
  English  ▼

X  

74LVC594AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC594AD
Description  8-bit shift register with output register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC594AD Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC594AD Datasheet HTML 1Page - NXP Semiconductors 74LVC594AD Datasheet HTML 2Page - NXP Semiconductors 74LVC594AD Datasheet HTML 3Page - NXP Semiconductors 74LVC594AD Datasheet HTML 4Page - NXP Semiconductors 74LVC594AD Datasheet HTML 5Page - NXP Semiconductors 74LVC594AD Datasheet HTML 6Page - NXP Semiconductors 74LVC594AD Datasheet HTML 7Page - NXP Semiconductors 74LVC594AD Datasheet HTML 8Page - NXP Semiconductors 74LVC594AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74LVC594A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 24 May 2007
4 of 19
NXP Semiconductors
74LVC594A
8-bit shift register with output register
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 5.
Pin configuration SO16 and TSSOP16
Fig 6.
Pin configuration DHVQFN16
74LVC594A
Q1
VCC
Q2
Q0
Q3
DS
Q4
STR
Q5
STCP
Q6
SHCP
Q7
SHR
GND
Q7S
001aag287
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aag288
74LVC594A
Q7
SHR
Q6
SHCP
Q5
STCP
Q4
STR
Q3
DS
Q2
Q0
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
Q[0:7]
15, 1, 2, 3, 4, 5, 6, 7 parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
SHR
10
shift register reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
STR
13
storage register reset (active LOW)
DS
14
serial data input
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com