Electronic Components Datasheet Search
  English  ▼

X  

74LVC594AD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC594AD
Description  8-bit shift register with output register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC594AD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC594AD Datasheet HTML 9Page - NXP Semiconductors 74LVC594AD Datasheet HTML 10Page - NXP Semiconductors 74LVC594AD Datasheet HTML 11Page - NXP Semiconductors 74LVC594AD Datasheet HTML 12Page - NXP Semiconductors 74LVC594AD Datasheet HTML 13Page - NXP Semiconductors 74LVC594AD Datasheet HTML 14Page - NXP Semiconductors 74LVC594AD Datasheet HTML 15Page - NXP Semiconductors 74LVC594AD Datasheet HTML 16Page - NXP Semiconductors 74LVC594AD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
74LVC594A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 24 May 2007
13 of 19
NXP Semiconductors
74LVC594A
8-bit shift register with output register
Test data is given in Table 9. Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Load circuitry for switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
PULSE
GENERATOR
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2 V
VCC
≤ 2 ns
30 pF
1 k
Ω
open
2
× VCC
GND
1.65 V to 1.95 V
VCC
≤ 2 ns
30 pF
1 k
Ω
open
2
× VCC
GND
2.3 V to 2.7 V
VCC
≤ 2 ns
30 pF
500
Ω
open
2
× VCC
GND
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
2
× VCC
GND
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
2
× VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com