Electronic Components Datasheet Search
  English  ▼

X  

TS914 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS914
Description  Rail-to-rail CMOS quad operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS914_07 Datasheet HTML 3Page - STMicroelectronics TS914_07 Datasheet HTML 4Page - STMicroelectronics TS914_07 Datasheet HTML 5Page - STMicroelectronics TS914_07 Datasheet HTML 6Page - STMicroelectronics TS914_07 Datasheet HTML 7Page - STMicroelectronics TS914_07 Datasheet HTML 8Page - STMicroelectronics TS914_07 Datasheet HTML 9Page - STMicroelectronics TS914_07 Datasheet HTML 10Page - STMicroelectronics TS914_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TS914
Electrical characteristics
7/19
Table 5.
VCC
+ = 10V, V
DD = 0V, RL, CL connected to VCC/2, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Vicm =
Vo = VCC/2)
Tamb, TS914
Tamb, TS914A
Tmin ≤ Tamb ≤ Tmax, TS914
Tmin ≤ Tamb ≤ Tmax, TS914A
10
5
12
7
mV
ΔVio
Input offset voltage drift
5
μV/°C
Iio
Input offset current (1)
Tamb
Tmin ≤ Tamb ≤ Tmax
1
100
200
pA
Iib
Input bias current (1)
Tamb
Tmin ≤ Tamb ≤ Tmax
1
150
300
pA
Vicm
Common mode input voltage
range
Per amplifier, AVCL = 1, no load
Tamb
Tmin ≤ Tamb ≤ Tmax
VDD - 0.2 to
VCC +0.2
V
CMR
Common mode rejection
ratio
Vic = 3 to 7V, Vo = 5V
Vic = 0 to 10V, Vo = 5V
90
75
dB
SVR
Supply voltage rejection ratio VCC
+ = 5 to 10V, V
o = VCC/2
90
dB
Avd
Large signal voltage gain
RL = 10kΩ, Vo = 2.5V to 7.5V
Tamb
Tmin ≤ Tamb ≤ Tmax
15
10
60
V/mV
VOH
High level output voltage
Vid = 1V, Tamb
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Vid = 1V, Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
9.85
9
9.8
9
9.95
9.35
7.8
V
VOL
Low level output voltage
Vid = -1V, Tamb
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Vid = -1V, Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
50
650
2300
180
800
150
900
mV
Io
Output short circuit current
Vid = ±1V
60
mA
ICC
Supply current
Per amplifier, AVCL = 1, no load, Tamb
Per amp., AVCL = 1, no load,
Tmin ≤ Tamb ≤ Tmax
400
600
700
μA
GBP
Gain bandwith product
AVCL = 100, RL =10kΩ, CL = 100pF,
f = 100kHz
1.4
MHz
SR
Slew rate
AVCL =1, RL =10kΩ, CL = 100pF,
Vi =2.5V to 7.5V
1V/
μs
φm
Phase margin
Rs = 100Ω, f = 1kHz
40
°
en
Equivalent input noise
voltage
Rs = 100Ω, f = 1kHz
30
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com