Electronic Components Datasheet Search
  English  ▼

X  

TS914 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS914
Description  Rail-to-rail CMOS quad operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914 Datasheet(HTML) 1 Page - STMicroelectronics

  TS914_07 Datasheet HTML 1Page - STMicroelectronics TS914_07 Datasheet HTML 2Page - STMicroelectronics TS914_07 Datasheet HTML 3Page - STMicroelectronics TS914_07 Datasheet HTML 4Page - STMicroelectronics TS914_07 Datasheet HTML 5Page - STMicroelectronics TS914_07 Datasheet HTML 6Page - STMicroelectronics TS914_07 Datasheet HTML 7Page - STMicroelectronics TS914_07 Datasheet HTML 8Page - STMicroelectronics TS914_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2007
Rev 5
1/19
19
TS914
Rail-to-rail CMOS quad operational amplifier
Features
■ Rail-to-rail input and output voltage ranges
■ Single (or dual) supply operation from 2.7V to
16V
■ Extremely low input bias current: 1pA typ
■ Low input offset voltage: 5mV max.
■ Specified for 600
Ω and 100Ω loads
■ Low supply current: 200
μA/ampli (V
CC = 3V)
■ Latch-up immunity
■ Spice macromodel included in this specification
Description
The TS914 is a rail-to-rail CMOS quad
operational amplifier designed to operate with a
single or dual supply voltage.
The input voltage range Vicm includes the two
supply rails VCC
+ and V
CC
-.
The output reaches:
■ VCC
- +50mV, V
CC
+ -50mV, with R
L = 10kΩ
■ VCC
- +350mV, V
CC
+ -350mV, with R
L = 600Ω
This product offers a broad supply voltage
operating range from 2.7V to 16V and a supply
current of only 200
μA/amp (V
CC = 3V).
Source and sink output current capability is
typically 40mA (at VCC = 3V), fixed by an internal
limitation circuit.
Order codes
N
DIP-14
(Plastic package)
D
SO-14
(Plastic micropackage)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
Pin connections (top view)
Part number
Temperature
range
Package
Packing
Marking
TS914IN
-40, +125°C
DIP14
Tube
TS914IN
TS914ID/IDT
SO-14
Tube or tape & reel
914I
TS914AIN
DIP14
Tube
TS914AIN
TS914AID/AIDT
SO-14
Tube or tape & reel
914AI
TS914IYD/IYDT
SO-14
(automotive grade level)
Tube or tape & reel
914IY
TS914AIYD/AIYDT
914AIY
www.st.com


Similar Part No. - TS914_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914A STMICROELECTRONICS-TS914A Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
TS914AI STMICROELECTRONICS-TS914AI Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
TS914AID STMICROELECTRONICS-TS914AID Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
TS914AIDT STMICROELECTRONICS-TS914AIDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
TS914I STMICROELECTRONICS-TS914I Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
More results

Similar Description - TS914_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com