Electronic Components Datasheet Search
  English  ▼

X  

FM22L16 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM22L16
Description  4Mbit FRAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM22L16 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM22L16 Datasheet HTML 4Page - Ramtron International Corporation FM22L16 Datasheet HTML 5Page - Ramtron International Corporation FM22L16 Datasheet HTML 6Page - Ramtron International Corporation FM22L16 Datasheet HTML 7Page - Ramtron International Corporation FM22L16 Datasheet HTML 8Page - Ramtron International Corporation FM22L16 Datasheet HTML 9Page - Ramtron International Corporation FM22L16 Datasheet HTML 10Page - Ramtron International Corporation FM22L16 Datasheet HTML 11Page - Ramtron International Corporation FM22L16 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FM22L16
Rev. 1.0
Mar. 2007
Page 8 of 15
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +4.5V and
VIN < VDD+1V
TSTG
Storage Temperature
-55
°C to +125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only, and the functional operation of the device at these or any other conditions above those listed in the
operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended
periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
2.7
3.3
3.6
V
IDD1
VDD Supply Current
18
mA
1
IDD2
VDD Supply Current – CMOS
-
1.5
mA
2
ISB2
Standby Current – CMOS
-
150
µA
3
IZZ
Sleep Mode Current
-
5
µA
4
ILI
Input Leakage Current
±1
µA
ILO
Output Leakage Current
±1
µA
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.6
V
VOH1
Output High Voltage (IOH = -1.0 mA)
2.4
V
VOH2
Output High Voltage (IOH = -100 µA)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 2.1 mA)
0.4
V
VOL2
Output Low Voltage (IOL = 100 µA)
0.2
V
Notes
1.
VDD = 3.6V, /CE cycling at min. cycle time. All inputs toggling at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded.
2.
VDD = 3.6V, /CE at VSS, All other pins are static and at CMOS levels (0.2V or VDD-0.2V), /ZZ is high.
3.
VDD = 3.6V, /CE at VDD, All other pins are static and at CMOS levels (0.2V or VDD-0.2V), /ZZ is high.
4.
VDD = 3.6V, /ZZ is low, all other inputs at CMOS levels (0.2V or VDD-0.2V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com