Electronic Components Datasheet Search
  English  ▼

X  

FM22L16 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM22L16
Description  4Mbit FRAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM22L16 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM22L16 Datasheet HTML 1Page - Ramtron International Corporation FM22L16 Datasheet HTML 2Page - Ramtron International Corporation FM22L16 Datasheet HTML 3Page - Ramtron International Corporation FM22L16 Datasheet HTML 4Page - Ramtron International Corporation FM22L16 Datasheet HTML 5Page - Ramtron International Corporation FM22L16 Datasheet HTML 6Page - Ramtron International Corporation FM22L16 Datasheet HTML 7Page - Ramtron International Corporation FM22L16 Datasheet HTML 8Page - Ramtron International Corporation FM22L16 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.0
http://www.ramtron.com
Mar. 2007
Page 1 of 15
FM22L16
4Mbit FRAM Memory
Features
4Mbit Ferroelectric Nonvolatile RAM
•
Organized as 256Kx16
•
Configurable as 512Kx8 Using /UB, /LB
•
10
14 Read/Write Cycles
•
NoDelay™ Writes
•
Page Mode Operation to 40MHz
•
Advanced High-Reliability Ferroelectric Process
SRAM Compatible
•
JEDEC 256Kx16 SRAM Pinout
•
55 ns Access Time, 110 ns Cycle Time
Advanced Features
•
Low VDD Monitor Protects Memory against
Inadvertent Writes
•
Software Programmable Block Write Protect
Superior to Battery-backed SRAM Modules
•
No Battery Concerns
•
Monolithic Reliability
•
True Surface Mount Solution, No Rework Steps
•
Superior for Moisture, Shock, and Vibration
Low Power Operation
•
2.7V – 3.6V Power Supply
•
Low Current Mode (5µA) using ZZ pin
•
18 mA Active Current
Industry Standard Configuration
•
Industrial Temperature -40
° C to +85° C
•
44-pin “Green”/RoHS TSOP-II package
Description
The FM22L16 is a 256Kx16 nonvolatile memory that
reads
and
writes
like
a
standard
SRAM.
A
ferroelectric random access memory or FRAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and unlimited write endurance make
FRAM superior to other types of memory.
In-system operation of the FM22L16 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by
changing the address. The FRAM memory is
nonvolatile due to its unique ferroelectric memory
process. These features make the FM22L16 ideal for
nonvolatile memory applications requiring frequent
or rapid writes in the form of an SRAM.
The FM22L16 includes a low voltage monitor that
blocks access to the memory array when VDD drops
below a critical threshold. The memory is protected
against an inadvertent access and data corruption
under this condition. The device also features
software-controlled write protection. The memory
array is divided into 8 uniform blocks, each of which
can be individually write protected.
The device is available in a 400 mil 44-pin TSOP-II
surface mount package. Device specifications are
guaranteed over industrial temperature range –40°C
to +85°C.
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A4
A3
A2
A1
A0
A13
A14
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
WE
VDD
A15
A16
A17
CE
A12
/ZZ
OE
A7
A6
A5
VSS
DQ12
DQ11
DQ8
DQ9
DQ10
LB
A8
A9
A10
A11
VDD
UB
DQ13
DQ14
DQ15
Ordering Information
FM22L16-55-TG
55 ns access, 44-pin
“Green”/RoHS TSOP-II


Similar Part No. - FM22L16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM22L16 RAMTRON-FM22L16 Datasheet
1Mb / 8P
Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM22L16 CYPRESS-FM22L16 Datasheet
403Kb / 14P
4Mbit Asynchronous F-RAM Memory
FM22L16-55-TG CYPRESS-FM22L16-55-TG Datasheet
403Kb / 14P
4Mbit Asynchronous F-RAM Memory
FM22L16-55-TGTR CYPRESS-FM22L16-55-TGTR Datasheet
403Kb / 14P
4Mbit Asynchronous F-RAM Memory
logo
Ramtron International C...
FM22L16 RAMTRON-FM22L16_12 Datasheet
1Mb / 8P
Nonvolatile F-RAM Memory Module (TWR-FRAM)
More results

Similar Description - FM22L16

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF04C10 SHARP-LHF04C10 Datasheet
3Mb / 48P
4Mbit Flash Memory
logo
fujitsu semiconductor
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
Memory FRAM
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
256Kb Bytewide FRAM Memory
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
2Mbit FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
4Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
4Mbit F-RAM Memory
logo
IC-Haus GmbH
IC-RMF ICHAUS-IC-RMF Datasheet
244Kb / 5P
NONVOLATILE FRAM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com