Electronic Components Datasheet Search
  English  ▼

X  

TDA8540 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8540
Description  4 X 4 video switch matrix
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8540 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8540 Datasheet HTML 3Page - NXP Semiconductors TDA8540 Datasheet HTML 4Page - NXP Semiconductors TDA8540 Datasheet HTML 5Page - NXP Semiconductors TDA8540 Datasheet HTML 6Page - NXP Semiconductors TDA8540 Datasheet HTML 7Page - NXP Semiconductors TDA8540 Datasheet HTML 8Page - NXP Semiconductors TDA8540 Datasheet HTML 9Page - NXP Semiconductors TDA8540 Datasheet HTML 10Page - NXP Semiconductors TDA8540 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1995 Feb 06
7
Philips Semiconductors
Product specification
4
× 4 video switch matrix
TDA8540
OEN (SUB = 02H): selects, for each output, if the output is active or high impedance, see Table 8.
Table 8
OEN (SUB = 02H) determines which output is active or high impedance
Notes
1. X = don’t care.
2. For j = 0 to 3: if ENj = 0 (1), then OUT j is high impedance (active).
After a power-on reset:
• The outputs are set to a high impedance state; the outputs are connected to IN0; the gains are set at two and inputs
IN0 and IN1 are clamped.
• Programming of the device is necessary because the outputs are in high impedance state.
Non-I2C-bus control
If the S0, S1 and S2 pins are all connected to VCC the device will enter the non-I2C-bus mode.
After a power-on reset:
• Gain is set at two for all outputs.
• All inputs are clamped.
• All outputs are active.
• The matrix position is given by the SDA and SCL voltage level.
Table 9
Non-I2C-bus control
SCL and SDA act as normal input pins:
SCL interchanges (OUT3 and OUT2) with (OUT1 and OUT0).
SDA interchanges OUT3 with OUT2 and OUT1 with OUT0.
Remark: For use with chrominance signals, the clamp action must be overruled by external bias.
7 MSB
654321
0 LSB
X(1)
X(1)
X(1)
X(1)
EN3(2)
EN2(2)
EN1(2)
EN0(2)
OUTPUT
SCL AND SDA
00
01
10
11
OUT3
IN3
IN2
IN1
IN0
OUT2
IN2
IN3
IN0
IN1
OUT1
IN1
IN0
IN3
IN2
OUT0
IN0
IN1
IN2
IN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com