Electronic Components Datasheet Search
  English  ▼

X  

TDA8540 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8540
Description  4 X 4 video switch matrix
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8540 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8540 Datasheet HTML 1Page - NXP Semiconductors TDA8540 Datasheet HTML 2Page - NXP Semiconductors TDA8540 Datasheet HTML 3Page - NXP Semiconductors TDA8540 Datasheet HTML 4Page - NXP Semiconductors TDA8540 Datasheet HTML 5Page - NXP Semiconductors TDA8540 Datasheet HTML 6Page - NXP Semiconductors TDA8540 Datasheet HTML 7Page - NXP Semiconductors TDA8540 Datasheet HTML 8Page - NXP Semiconductors TDA8540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
Product specification
Supersedes data of April 1993
File under Integrated Circuits, IC02
1995 Feb 06
INTEGRATED CIRCUITS
Philips Semiconductors
TDA8540
4
× 4 video switch matrix


Similar Part No. - TDA8540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
1 W BTL audio amplifier
1998 Apr 01
TDA8541T PHILIPS-TDA8541T Datasheet
190Kb / 20P
1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
1 W BTL audio amplifier
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
2 x 1.5 W BTL audio amplifier
1998 Mar 25
More results

Similar Description - TDA8540

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
7 x 5 Video Matrix Switch
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
NEC
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
CMOS MMIC 4 x 2 IF SWITCH MATRIX
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
JFW Industries, Inc.
50MS-337 JFW-50MS-337_18 Datasheet
32Kb / 2P
24 X 4 BLOCKING SOLID STATE MATRIX SWITCH
50MS-367 JFW-50MS-367 Datasheet
37Kb / 2P
4 X 4 BLOCKING ELECTRO-MECHANICAL MATRIX SWITCH
50MS-367 JFW-50MS-367_17 Datasheet
37Kb / 2P
4 X 4 BLOCKING ELECTRO-MECHANICAL MATRIX SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com