Electronic Components Datasheet Search
  English  ▼

X  

TC1265 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1265
Description  800 mA Fixed-Output CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265 Datasheet(HTML) 3 Page - Microchip Technology

  TC1265_06 Datasheet HTML 1Page - Microchip Technology TC1265_06 Datasheet HTML 2Page - Microchip Technology TC1265_06 Datasheet HTML 3Page - Microchip Technology TC1265_06 Datasheet HTML 4Page - Microchip Technology TC1265_06 Datasheet HTML 5Page - Microchip Technology TC1265_06 Datasheet HTML 6Page - Microchip Technology TC1265_06 Datasheet HTML 7Page - Microchip Technology TC1265_06 Datasheet HTML 8Page - Microchip Technology TC1265_06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21376D-page 3
TC1265
SHDN Input
SHDN Input High Threshold
VIH
45
——
%VIN
SHDN Input Low Threshold
VIL
——
15
%VIN
ERROR Output (SOIC Only)
Minimum Operating Voltage
VMIN
1.0
—
—
V
Output Logic Low Voltage
VOL
——
400
mV
1 mA Flows to ERROR
ERROR Threshold Voltage
VTH
—
0.95 x VR
—V
ERROR Positive Hysteresis
VHYS
—50
—
mV
Note 8
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.5V, (Note 1), IL = 100 µA, CL = 3.3 µF,
SHDN > VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: VR is the regulator output voltage setting.
2: The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX.
3:
4: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects
are covered by the thermal regulation specification.
5: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value
measured at a 1.5V differential.
6: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temper-
ature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipa-
tion causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for more details.
8: Hysteresis voltage is referenced to VR.
TCVOUT
VOUTMAX VOUTMIN
–
() 10
6
–
VOUT
T
Δ
×
-------------------------------------------------------------------------
=
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.5V, IL = 100 µA, CL = 3.3 µF,
SHDN > VIH, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
(Note 1)
Operating Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-DDPAK
θJA
—57
—
°C/W
Thermal Resistance, 5L-TO-220
θJA
—71
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
163
—
°C/W
Note 1:
Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+125°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com