Electronic Components Datasheet Search
  English  ▼

X  

TC1265 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1265
Description  800 mA Fixed-Output CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265 Datasheet(HTML) 5 Page - Microchip Technology

  TC1265_06 Datasheet HTML 1Page - Microchip Technology TC1265_06 Datasheet HTML 2Page - Microchip Technology TC1265_06 Datasheet HTML 3Page - Microchip Technology TC1265_06 Datasheet HTML 4Page - Microchip Technology TC1265_06 Datasheet HTML 5Page - Microchip Technology TC1265_06 Datasheet HTML 6Page - Microchip Technology TC1265_06 Datasheet HTML 7Page - Microchip Technology TC1265_06 Datasheet HTML 8Page - Microchip Technology TC1265_06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21376D-page 5
TC1265
2.0
TYPICAL PERFORMANCE CURVES (CONT)
FIGURE 2-1:
ISHDN vs. Temperature.
0.090
0.080
0.070
0.060
0.050
0.040
0.030
0.020
0.010
0.000
TEMPERATURE (°C)
-40°C
0°C
25°C
70°C
85°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com