Electronic Components Datasheet Search
  English  ▼

X  

TC1411N Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1411N
Description  1A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1411N Datasheet(HTML) 3 Page - Microchip Technology

  TC1411N Datasheet HTML 1Page - Microchip Technology TC1411N Datasheet HTML 2Page - Microchip Technology TC1411N Datasheet HTML 3Page - Microchip Technology TC1411N Datasheet HTML 4Page - Microchip Technology TC1411N Datasheet HTML 5Page - Microchip Technology TC1411N Datasheet HTML 6Page - Microchip Technology TC1411N Datasheet HTML 7Page - Microchip Technology TC1411N Datasheet HTML 8Page - Microchip Technology TC1411N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21390D-page 3
TC1411/TC1411N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .....................................................+20V
Input Voltage ......................VDD + 0.3V to GND – 5.0V
Power Dissipation (TA ≤ 70°C)
MSOP.......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range.............. -65°C to +150°C
Maximum Junction Temperature...................... +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
≤ VDD ≤ 16V.
Typical values are measured at TA = +25°C, VDD = 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1.0
—
1.0
µA
0V
≤ VIN ≤ VDD, TA = +25°C
-10
—
10
-40°C
≤ TA ≤ +85°C
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC Test
Low Output Voltage
VOL
—
—
0.025
V
DC Test
Output Resistance
RO
—8
11
Ω
VDD = 16V, IO = 10 mA, TA = +25°C
—10
14
0°C
≤ TA ≤ +70°C
—
10
14
-40°C
≤ TA ≤ +85°C
Peak Output Current
IPK
—1.0
—
A
VDD = 16V
Latch-Up Protection
Withstand Reverse Current
IREV
—
0.5
—
A
Duty cycle
≤ 2%, t ≤ 300 µs,
VDD = 16V
Switching Time (Note 1)
Rise Time
tR
—25
35
ns
TA = +25°C
—27
40
0°C
≤ TA ≤ +70°C
—
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Fall Time
tF
—25
35
ns
TA = +25°C
—27
40
0°C
≤ TA ≤ +70°C
—
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD1
—30
40
ns
TA = +25°C,
—33
45
0°C
≤ TA ≤ +70°C
—
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD2
—30
40
ns
TA = +25°C
—33
45
0°C
≤ TA ≤ +70°C
—
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Power Supply
Power Supply Current
IS
—0.5
1.0
mA
VIN = 3V, VDD = 16V
—
0.1
0.15
VIN = 0V
Note 1: Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com