Electronic Components Datasheet Search
  English  ▼

X  

TC1411N Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1411N
Description  1A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1411N Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1411N Datasheet HTML 4Page - Microchip Technology TC1411N Datasheet HTML 5Page - Microchip Technology TC1411N Datasheet HTML 6Page - Microchip Technology TC1411N Datasheet HTML 7Page - Microchip Technology TC1411N Datasheet HTML 8Page - Microchip Technology TC1411N Datasheet HTML 9Page - Microchip Technology TC1411N Datasheet HTML 10Page - Microchip Technology TC1411N Datasheet HTML 11Page - Microchip Technology TC1411N Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC1411/TC1411N
DS21390D-page 8
© 2006 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
FIGURE 4-1:
Switching Time Test Circuit.
CL = 1000 pF
0.1 µF
4.7 µF
Inverting Driver
Non-Inverting Driver
Input
VDD = 16V
Input
Output
tD1
tF
tR
tD2
Input: 100 kHz,
square wave,
tRISE = tFALL ≤ 10 nsec
Output
Input
Output
tD1
tF
tR
tD2
+5V
10%
90%
10%
90%
10%
90%
VDD
0V
90%
10%
10%
10%
90%
+5V
VDD
0V
0V
0V
90%
4, 5
2
6, 7
1, 8
TC1411
TC1411N
TC1411N
TC1411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com