Electronic Components Datasheet Search
  English  ▼

X  

MIC2289C Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2289C
Description  White LED Driver Internal Schottky Diode and OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289C Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2289C Datasheet HTML 2Page - Micrel Semiconductor MIC2289C Datasheet HTML 3Page - Micrel Semiconductor MIC2289C Datasheet HTML 4Page - Micrel Semiconductor MIC2289C Datasheet HTML 5Page - Micrel Semiconductor MIC2289C Datasheet HTML 6Page - Micrel Semiconductor MIC2289C Datasheet HTML 7Page - Micrel Semiconductor MIC2289C Datasheet HTML 8Page - Micrel Semiconductor MIC2289C Datasheet HTML 9Page - Micrel Semiconductor MIC2289C Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
MIC2289C
September 2006
8
M9999-090706
Start-Up and Inrush Current
During start-up, inrush current of approximately double
the nominal current flows to set up the inductor current
and the voltage on the output capacitor. If the inrush
current needs to be limited, a soft-start circuit similar to
Figure 5 could be implemented. The soft-start capacitor,
CSS, provides over-drive to the FB pin at start-up,
resulting in gradual increase of switch duty cycle and
limited inrush current.
VIN
EN
10k
2200pF
SW
OUT
FB
CSS
R
GND
VIN
Figure 5. One of Soft-Start Circuit
6-Series LED Circuit without External Soft-Start
TIME (100µs/div.)
L = 10µH
C
IN = 1µF
COUT = 0.22µF
VIN = 3.6V
IOUT = 20mA
6 LEDs
6-Series LED Circuit with External Soft-Start
TIME (100µs/div.)
L = 10µH
C
IN = 1µF
COUT = 0.22µF
VIN = 3.6V
IOUT = 20mA
6 LEDs
C
SS = 2200pF
Figure 6. 6-Series LED Circuit
without External Soft Start
Figure 7. 6-Series LED Circuit
with External Soft Start



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com