Electronic Components Datasheet Search
  English  ▼

X  

MIC2289C Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2289C
Description  White LED Driver Internal Schottky Diode and OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289C Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2289C Datasheet HTML 1Page - Micrel Semiconductor MIC2289C Datasheet HTML 2Page - Micrel Semiconductor MIC2289C Datasheet HTML 3Page - Micrel Semiconductor MIC2289C Datasheet HTML 4Page - Micrel Semiconductor MIC2289C Datasheet HTML 5Page - Micrel Semiconductor MIC2289C Datasheet HTML 6Page - Micrel Semiconductor MIC2289C Datasheet HTML 7Page - Micrel Semiconductor MIC2289C Datasheet HTML 8Page - Micrel Semiconductor MIC2289C Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC2289C
White LED Driver Internal Schottky
Diode and OVP
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2006
1
M9999-090706
General Description
The MIC2289C is a PWM (pulse width modulated), boost-
switching regulator that is optimized for constant-current
white LED driver applications. The MIC2289C features an
internal Schottky diode and three levels of output
overvoltage protection providing a small size and efficient
DC/DC
solution
that
requires
only
four
external
components.
To optimize efficiency, the feedback voltage is set to only
95mV. This reduces power dissipation in the current set
resistor and allows the lowest total output voltage, hence
minimal current draw from the battery.
The MIC2289C implements a constant frequency 1.2MHz
PWM control scheme. The high frequency, PWM operation
saves board space by reducing external component sizes.
The added benefit of the constant frequency PWM scheme
in caparison to variable frequency is much lower noise and
input ripple injected to the input power source.
The MIC2289C clamps the output voltage in case of open
LED conditions, protecting itself and the output capacitor.
The MIC2289C is available with three output OVP options
of 15V, 24V, and 34V. The different OVP options allow the
use of the smallest possible output capacitor with the
appropriate voltage rating for a given application.
The MIC2289C is available in low profile 5-pin Thin SOT-
23 and 8-pin 2mm × 2mm MLF
® package options. The
MIC2289C has a junction temperature range of –40°C to
+125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• Internal Schottky diode
• 15V, 24V, 34V output OVP options
• 1.2 MHz PWM operation
• Over 500mA switch current
• 95mV feedback voltage
• <1% line and load regulation
• <1µA shutdown current
• Overtemperature protection
• UVLO
• 2mm × 2mm 8-pin MLF® package
• –40°C to +125°C junction temperature range
• For higher performance specifications see the MIC2289
Applications
• White LED driver for backlighting:
– Cell phones
– PDAs
– GPS systems
– Digital cameras
– MP3 players
– IP phones
• LED flashlights
• Constant current power supplies
Typical Application
10µH
0.22µF/16V
95mV
1-Cell
Li Ion
1µF
MIC2289C-15BML
VIN
EN
SW
FB
OUT
GND
3-Series White LED Driver
70
72
74
76
78
80
82
0
5
10
15
20
25
I
OUT (mA)
3-Series LED Efficiency
V
IN =3.6V


Similar Part No. - MIC2289C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C MICREL-MIC2289C Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C-34BD6 MICREL-MIC2289C-34BD6 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C-34BD6 MICREL-MIC2289C-34BD6 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C-34YD6 MICREL-MIC2289C-34YD6 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
More results

Similar Description - MIC2289C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_05 Datasheet
377Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
BOOST WHITE LED DRIVER WITH OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com