Electronic Components Datasheet Search
  English  ▼

X  

MSC7119 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
50
3.5.1
VREF and VTT Design Constraints
VTT and VREF are isolated power supplies at the same voltage, with VTT as a high current power source. This section outlines
the voltage supply design needs and goals:
•
Minimize the noise on both rails.
•VTT must track variation in the VREF DC offsets. Although they are isolated supplies, one possible solution is to use a
single IC to generate both signals.
•
Both references should have minimal drift over temperature and source supply.
•
It is important to minimize the noise from coupling onto VREF as follows:
— Isolate VREF and shield it with a ground trace.
— Use 15–20 mm track.
— Use 20–30 mm clearance between other traces for isolating.
— Use the outer layer route when possible.
— Use distributed decoupling to localize transient currents and return path and decouple with an inductance less than
3 nH.
•
Max source/sink transient currents of up to 1.8 A for a 32-bit data bus.
•
Use a wide island trace on the outer layer:
— Place the island at the end of the bus.
— Decouple both ends of the bus.
— Use distributed decoupling across the island.
— Place SSTL termination resistors inside the VTT island and ensure a good, solid connection.
•
Place the VTT regulator as closely as possible to the termination island.
— Reduce inductance and return path.
— Tie current sense pin at the midpoint of the island.
3.5.2
Decoupling
The DDR decoupling considerations are as follows:
•
DDR memory requires significantly more burst current than previous SDRAMs.
•
In the worst case, up to 64 drivers may be switching states.
•
Pay special attention and decouple discrete ICs per manufacturer guidelines.
•
Leverage VTT island topology to minimize the number of capacitors required to supply the burst current needs of the
termination rail.
•
See the Micron DesignLine publication entitled Decoupling Capacitor Calculation for a DDR Memory Channel
(http://download.micron.com/pdf/pubs/designline/3Q00dl1-4.pdf).
Figure 33. SSTL Power Value
Driver
Receiver
VREF
VDDQ
VSS
VTT
RS
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com