Electronic Components Datasheet Search
  English  ▼

X  

TDA8562 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8562
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8562 Datasheet HTML 5Page - NXP Semiconductors TDA8562 Datasheet HTML 6Page - NXP Semiconductors TDA8562 Datasheet HTML 7Page - NXP Semiconductors TDA8562 Datasheet HTML 8Page - NXP Semiconductors TDA8562 Datasheet HTML 9Page - NXP Semiconductors TDA8562 Datasheet HTML 10Page - NXP Semiconductors TDA8562 Datasheet HTML 11Page - NXP Semiconductors TDA8562 Datasheet HTML 12Page - NXP Semiconductors TDA8562 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
July 1994
9
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
TEST/APPLICATION INFORMATION
handbook, full pagewidth
MEA867 - 2
100
nF
16
5
13
220 nF
1
6
8
711
VP
TDA8562Q
TDA8565Q
2200
µF
60
k
Ω
2
ground (signal)
10
k
Ω
9
not connected
3
input 2
60
k
Ω
60
k
Ω
reference
voltage
220 nF
17
12
60
k
Ω
input 4
4
15
10
power ground (substrate)
input 1
supply
voltage
ripple
rejection
input 3
220 nF
V /2
p
1000
µF
220 nF
100
µF
14
diagnostic
1000
µF
1000
µF
1000
µF
mode
switch
Fig.6 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com