Electronic Components Datasheet Search
  English  ▼

X  

TDA8562 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8562
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8562 Datasheet HTML 1Page - NXP Semiconductors TDA8562 Datasheet HTML 2Page - NXP Semiconductors TDA8562 Datasheet HTML 3Page - NXP Semiconductors TDA8562 Datasheet HTML 4Page - NXP Semiconductors TDA8562 Datasheet HTML 5Page - NXP Semiconductors TDA8562 Datasheet HTML 6Page - NXP Semiconductors TDA8562 Datasheet HTML 7Page - NXP Semiconductors TDA8562 Datasheet HTML 8Page - NXP Semiconductors TDA8562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
July 1994
4
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
PINNING
The device is primarily developed for car radio
applications.
SYMBOL
PIN
DESCRIPTION
IN 1
1
input 1
GND(S)
2
signal ground
IN 2
3
input 2
RR
4
supply voltage ripple rejection
VP1
5
supply voltage
OUT 1
6
output 1
GND1
7
power ground 1
OUT 2
8
output 2
n.c.
9
not connected
OUT 3
10
output 3
GND2
11
power ground 2
OUT 4
12
output 4
VP2
13
supply voltage
MODE
14
mode select switch input
IN 3
15
input 3
VDIAG
16
diagnostic output
IN 4
17
input 4
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
TDA8562Q
IN 1
GND(S)
IN 2
RR
OUT 1
GND1
OUTP 2
n.c.
OUT 3
GND2
OUTP 4
V
MODE
IN 3
DIAG
IN 4
P2
V P1
MEA866 - 1
V
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
The TDA8562Q contains four identical amplifiers and can
be used for single-ended applications. The gain of each
amplifier is fixed at 20 dB. Special features of the device
are:
Mode select switch (pin 14)
• low stand-by current (< 100 µA)
• low switching current (low cost supply switch)
• mute facility
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥ 100 ms (charging of the input
capacitors at pin 1, 3, 15 and pin 17).
This can be achieved by:
• microprocessor control
• external timing circuit (see Fig.7)
Diagnostic output (pin 16)
DYNAMIC DISTORTION DETECTOR
(DDD)
At the onset of clipping of one or more output stages, the
dynamic distortion detector becomes active and pin 16
goes low. This information can be used to drive a sound
processor or DC volume control to attenuate the input
signal and thus limit the distortion. The output level of pin
16 is independent of the number of channels that are
clipping (see Fig.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com