Electronic Components Datasheet Search
  English  ▼

X  

CSC2313F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSC2313F
Description  Digitally controlled stereo sound quality processor with loudness
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC2313F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSC2313F Datasheet HTML 1Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
第 4 页 共 10 页
电特性(参考测试电路 Tamb=25°C,Vs=9V ,RL=10KΩ,RG=600Ω,F=1KHZ。特殊除外)
参数说明
符号
测试条件
最小
典型
最大
单位
电压
Vs
6
9
10
V
电流
Is
8
11
mA
工作电源
输入电阻
Ri
1.2.3 输入
35
50
70
KΩ
最佳电平
Vcl
2
2.5
输入分离度(
2) SIN
80
100
输出负载电阻
Rl
引脚
7,17
2
KΩ
最小输入增益
GINMIN
-1
0
1
dB
最大输入增益
GINMAX
11.25
dB
衰减步距
Gstep
3.75
dB
输入噪声
Ein
G=11.25 dB
2
邻近增益级
4
20
mV
输入选择
直流步距
VDC
G=18.75~静音
4
mV
输入阻抗
Riv
20
33
50
KΩ
控制范围
Crange
70
75
80
dB
最小衰减
Avmin
-1
0
1
dB
最大衰减
Avmax
70
75
80
dB
衰减步距
Astep
0.5
1.25
1.75
dB
AV=0 ~ -20
-1.25
0
1.25
dB
衰减误差
EA
AV= -20~ -60
-3
2
dB
跟踪误差
ET
2
dB
0
3
mV
音量控制
直流步距
VDC
邻近增益级从
0 dB 到 AV 最
大值
0.5
7.5
mV
控制范围
Crange
35
37.5
40
dB
扬声器衰
减器
衰减步距
Astep
0.5
1.25
1.75
dB
衰减误差
EA
80
100
dB
输出静音衰减
Amute
0
3
mV
扬声器衰
减器
直流步距
VDC
邻近衰减步距从
0 到静音步
1
10
mV
控制范围
Gb
±12
±14
±16
dB
衰减步距
Bstep
1
2
3
dB
低音控制
(
1)
内部反馈电阻
Rb
34
44
58
KΩ
控制范围
Gt
±13
±14
±15
dB
高音控制
(
1)
衰减步距
Tstep
1
2
3
dB
最佳电平
Vocl
d=0.3%
2
2.5
dB
输出负载电阻
Rl
2
KΩ
输出负载电容
Cl
10
音频
输出
输出电阻
Rout
30
75
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com