Electronic Components Datasheet Search
  English  ▼

X  

TDA8563Q Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8563Q
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563Q Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8563Q Datasheet HTML 1Page - NXP Semiconductors TDA8563Q Datasheet HTML 2Page - NXP Semiconductors TDA8563Q Datasheet HTML 3Page - NXP Semiconductors TDA8563Q Datasheet HTML 4Page - NXP Semiconductors TDA8563Q Datasheet HTML 5Page - NXP Semiconductors TDA8563Q Datasheet HTML 6Page - NXP Semiconductors TDA8563Q Datasheet HTML 7Page - NXP Semiconductors TDA8563Q Datasheet HTML 8Page - NXP Semiconductors TDA8563Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 Jan 08
5
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563Q
SHORT-CIRCUIT PROTECTION
When a short-circuit occurs at one or more outputs to
ground or to the supply voltage, the output stages are
switched off until the short-circuit is removed and the
device is switched on again, with a delay of approximately
20 ms, after removal of the short-circuit. During this
short-circuit condition, pin 12 is continuously low.
When a short-circuit across the load of one or both
channels occurs the output stages are switched off during
approximately 20 ms. After that time it is checked during
approximately 50
µs to see whether the short-circuit is still
present. Due to this duty cycle of 50
µs/20 ms the average
current consumption during this short-circuit condition is
very low (approximately 40 mA).
During this short-circuit condition, pin 12 is low for 20 ms
and high for 50
µs (see Fig.4).
The power dissipation in any short-circuit condition is
very low.
TEMPERATURE DETECTION
When the virtual junction temperature Tvj reaches 150 °C,
pin 12 will become continuously low.
OPEN COLLECTOR OUTPUT
Pin 12 is an open collector output, which allows pin 12 of
more devices being tied together.
Fig.4 Short-circuit waveform.
handbook, full pagewidth
MGA722
short-circuit over the load
20 ms
µ
50 s
t
t
VP
current
in
output
stage
V12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com