Electronic Components Datasheet Search
  English  ▼

X  

TDA8563Q Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8563Q
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563Q Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8563Q Datasheet HTML 3Page - NXP Semiconductors TDA8563Q Datasheet HTML 4Page - NXP Semiconductors TDA8563Q Datasheet HTML 5Page - NXP Semiconductors TDA8563Q Datasheet HTML 6Page - NXP Semiconductors TDA8563Q Datasheet HTML 7Page - NXP Semiconductors TDA8563Q Datasheet HTML 8Page - NXP Semiconductors TDA8563Q Datasheet HTML 9Page - NXP Semiconductors TDA8563Q Datasheet HTML 10Page - NXP Semiconductors TDA8563Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Jan 08
7
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18 V
< VP < 30 V the DC output voltage ≤1⁄2VP.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6.0
14.4
18
V
Iq
quiescent current
RL = ∞−
115
180
mA
Operating condition
V11
mode switch voltage level
8.5
−
VP
V
I11
mode switch current
V11 = 14.4 V
−
15
40
µA
VO
DC output voltage
note 2
−
7.0
−
V
∆V
O
DC output offset voltage
−−
150
mV
Mute condition
V11
mode switch voltage level
3.3
−
6.4
V
VO
DC output voltage
note 2
−
7.0
−
V
∆VO
DC output offset voltage
−−
150
mV
Standby condition
V11
mode switch voltage level
0
−
2V
Isb
standby current
−
0.1
100
µA
Diagnostic output
V12
diagnostic output voltage
any short-circuit or clipping
−−
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com