Electronic Components Datasheet Search
  English  ▼

X  

MCP2150 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP2150
Description  IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2150 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP2150 Datasheet HTML 28Page - Microchip Technology MCP2150 Datasheet HTML 29Page - Microchip Technology MCP2150 Datasheet HTML 30Page - Microchip Technology MCP2150 Datasheet HTML 31Page - Microchip Technology MCP2150 Datasheet HTML 32Page - Microchip Technology MCP2150 Datasheet HTML 33Page - Microchip Technology MCP2150 Datasheet HTML 34Page - Microchip Technology MCP2150 Datasheet HTML 35Page - Microchip Technology MCP2150 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MCP2150
DS21655B-page 32
Preliminary
 2002 Microchip Technology Inc.
FIGURE 4-4:
OUTPUT WAVEFORM
TABLE 4-4:
OUTPUT TIMING REQUIREMENTS
AC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
20
ToR
RX and TXIR pin rise time (2)
—10
25
ns
21
ToF
RX and TXIR pin fall time (2)
—10
25
ns
Note 1: Data in the Typical (“Typ”) column is at 5 V, 25°C unless otherwise stated.
2: See Figure 4-2 for loading conditions.
OSC1
Output Pin
Q4
Q1
Q2
Q3
20, 21
Old Value
New Value
Note:
Refer to Figure 4-2 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com